Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 46Page - STMicroelectronics STLC5460 Datasheet HTML 47Page - STMicroelectronics STLC5460 Datasheet HTML 48Page - STMicroelectronics STLC5460 Datasheet HTML 49Page - STMicroelectronics STLC5460 Datasheet HTML 50Page - STMicroelectronics STLC5460 Datasheet HTML 51Page - STMicroelectronics STLC5460 Datasheet HTML 52Page - STMicroelectronics STLC5460 Datasheet HTML 53Page - STMicroelectronics STLC5460 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
Ex 9: Channels at 32 kbit/s
11 1 1 00 1 1
PCM 3
TS 19
Destination Register
00 111 101
MUX 1
TS 29
(or MUX 1
B2 of GCI 7)
Source Register
Command Register
01 1 0 01 0 0
RCM CH SS DS
The output MUX 1-TS AND 13 (bits4 to 7) receives the contents of the Insert Register A (bits 4 to 7).
Simple switching (BID=0)
Bidirectional switching (BID=1)
The output MUX 1-TS 13 (bits 4 to 7) receives the contents of the Insert Register A bits (4 to 7)
the Extract Register A bits (4 to 7) receives the contents of the input MUX 1-TS 13 bits (4 to7).
R Rea d; CM Comm a n d Mem ory; CH Ch an nel; SS S ource Su bcha n nel; DS Destina tion Su bch a n n el
Simple switching (BID=0)
Bidirectional switching (BID=1)
The output MUX 1-TS 29 (bits 4 to 7) receives the contents of the input PCM 3-TS19 (bits 0 to 3)
The output MUX 1-TS 29 (bits 4 to 7) receives the contents of the input PCM 3-TS19 (bits 0 to 3)
AND
The output PCM 3-TS19 (bits 0 to 3) receives the contents of the input MUX 1-TS 29 (bits 4 to 7)
Source Register
01 0 0 0 0 0 0
Insert Register A
Destination Register
0 0 10 110 1
MUX 1
TS 13
(or MUX 1
B2 of GCI 3)
Command Register
0 1 1 000 0 0
RCM CH SS
DS
Ex: 10: Channels at 32 kbit/s (Insert register)
AND
Figure 9: Bidirectional Switching Channels at 32kbit/s
STLC5460
51/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com