Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 38Page - STMicroelectronics STLC5460 Datasheet HTML 39Page - STMicroelectronics STLC5460 Datasheet HTML 40Page - STMicroelectronics STLC5460 Datasheet HTML 41Page - STMicroelectronics STLC5460 Datasheet HTML 42Page - STMicroelectronics STLC5460 Datasheet HTML 43Page - STMicroelectronics STLC5460 Datasheet HTML 44Page - STMicroelectronics STLC5460 Datasheet HTML 45Page - STMicroelectronics STLC5460 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
AUXILIARY MEMORY ACCESSES: CM=0
Write Auxiliary Memory: Transmit Monitor channels
CMD and SRC registers are written if their bits have not the right value.
CMD and SRC registers can be written in any order.
DST register is always written the last.
RCM
Command bits
00
Data to transmit
CMD
SRC
DST
8
6
3
IN
IN
AUXILIARY MEMORY
16 words assigned to
8 TX MON channels of MUX0
&
8 TX MON channels of MUX1
A
R=0 Write
CM=0 Auxiliary Memory
MON TX
1 of 16 TX MON
11
channels
Read Auxiliary Memory in two steps: Transmit Monitor channels
First step: register writing:
CMD register is written if its bits are not the right value.
SRC register is not written.
DST register is always written the last.
R CM
bits not used
10
Register not written
CMD
SRC
DST
R CM
MON status
10
data which has been
transmitted
MON TX
1 of 16 TX MON
1
1
channels
CMD
SRC
DST
6
8
2
5
A
AUXILIARY MEMORY
16 words assigned to
8 TX MON channels of MUX0
&
8 TX MON channels of MUX1
OUT
OUT
MON TX
1 of 16 TX MON
1
1
channels
Second step: register reading:
CMD and SRC registers may be read in any order.
DST register is not changed.
STLC5460
42/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com