Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5460 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5460
Description  LINE CARD INTERFACE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5460 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5460 Datasheet HTML 9Page - STMicroelectronics STLC5460 Datasheet HTML 10Page - STMicroelectronics STLC5460 Datasheet HTML 11Page - STMicroelectronics STLC5460 Datasheet HTML 12Page - STMicroelectronics STLC5460 Datasheet HTML 13Page - STMicroelectronics STLC5460 Datasheet HTML 14Page - STMicroelectronics STLC5460 Datasheet HTML 15Page - STMicroelectronics STLC5460 Datasheet HTML 16Page - STMicroelectronics STLC5460 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
CP 6/1
Comparison 6 to 1.
Bit stream of one PCM and bit stream of another PCM are compared at each bit time, if
there is difference, PDIF interrupt is generated.
Comparison between
CP1 = 1
PCM0 and PCM1
CP2 = 1
PCM1 and PCM2
CP3 = 1
PCM2 and PCM3
CP4 = 1
PCM0 and PCM2
CP5 = 1
PCM1 and PCM3
CP6 = 1
PCM0 and PCM3
MULTIPLEX CONFIGURATION 1 REGISTER (MCONF1)
7
0
CIM
MOM
CI4MI
CI4M0
-
-
GCIM1
GCIM0
After Reset 3F (H)
CIM
Command/Indicate Mode.
CIM = 1: the controller ignores the new received primitive if the previous has not been
read by the microprocessor.
CIM = 0: the controller overwrites the previous primitive without condition when it
receives a new primitive.
MOM
Monitor channel Mode
MOM = 1: if bytes are not received twice identical the message is aborted.
MOM = 0: if
bytes are not received twice identical the MOM controller doesn’t
acknowledge the received byte (GCI standard).
CI4M1
Command Indicate 4 bits for Multiplex 1.
CI4M1 = 0: command Indicate primitive has six bits.
CI4M1 = 1: command Indicate primitive has four bits.
CI4M0
Command Indicate 4 bits for Multiplex 0.
CI4M0 = 0: command Indicate primitive has six bits.
CI4M0 = 1: command indicate primitive has four bits.
GCIM1
GCI Multiplex 1.
GCIM1 = 1: the multiplex M1 is GCI, it includes eight GCI channels.
GCIM1 = 0: the multiplex M1 includes 32 Time Slots. (PCM like channel)
GCIM0
GCI Multiplex 0.
GCIM0 = 1: the Multiplex M0 is GCI, it includes eight GCI channels.
GCIM0 = 0: the multiplex M0 includes 32 Time Slots. (PCM like channel)
MULTIPLEX CONFIGURATION 2 REGISTER (MCONF2)
7
0
-
-
M1D
M0D
ISPM
TIMD
MOD
DCKM
After Reset FF (H)
M1D
Multiplex 1 Disable.
M1D = 1. Multiplex 1 output is at high impedance continuously,
multiplex 1 input is forced to ”1”, if it is GCI.
STLC5460
13/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com