Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB20571 Datasheet (PDF) - Infineon Technologies AG

PEB20571 Datasheet PDF - Infineon Technologies AG
Part # PEB20571
Download  PEB20571 Download
File Size   4006.12 Kbytes
Page   291 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEB20571 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB20571 Datasheet PDF - Infineon Technologies AG

Part # PEB20571
Download  PEB20571 Click to download

File Size   4006.12 Kbytes
Page   291 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEB20571 Datasheet (HTML) - Infineon Technologies AG


PEB20571 Product details

Introduction
The DELIC and VIP chipset realizes multiple ISDN S/T and UPN interfaces together with controller functionality typically needed in PBX or Central Office systems. This functionality comprises voice channel handling, signaling control, layer-1 control, and even signal processing tasks.
Moreover it provides a programmable master/slave clock generator with 2 PLLs, an universal µP interface and a DMA interface.

DELIC-LC Key Features
DELIC-LC is optimized for line card applications:
• One IOM-2000 interface supporting three VIPs i.e. up to 24 ISDN channels
• Two IOM-2 (GCI) ports (configurable as PCM ports) supporting up to 16 ISDN channels or 32 analog subscribers
• Four PCM ports with up to 4 x 2.048 Mbit/s (4 x 32 TS) or 2 x 4.096 Mbit/s or 1 x 8.192 Mbit/s
• Switching matrix 256 x 256 TS (8-bit switching)
• 24 HDLC controllers assignable to any D- or B-channel (at 16 kbit/s or 64 kbit/s)
• Serial communication controller: high-speed signaling channel for 2.048 Mbit/s
• General purpose I/O ports
• Standard multiplexed and de-multiplexed µP interface: Infineon, Intel, Motorola
• Programmable PLL based Master/Slave clock generator, providing all system clocks from a single 16.384 MHz crystal source
• JTAG compliant test interface
• single 3.3 V power supply, 5 V tolerant inputs

DELIC-PB Key Features
    Compared to the DELIC-LC, having a fixed functionality, the DELIC-PB provides a high degree of flexibility (in terms of selected number of ports or channels). Additionally it features computing power for typical DSP-oriented PBX tasks like conferencing, DTMF etc.
    A Microsoft Windows based configuration tool, the Configurator, enables to generate an application specific functionality. Its features are mainly determined by the firmware of the integrated telecom DSP.




Similar Part No. - PEB20571

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
PEB20571 INFINEON-PEB20571 Datasheet
170Kb / 8P
DSP Embedded Line and Port Interface Controller
2003-08-04
More results


Similar Description - PEB20571

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
ICs for Communications
10.97
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
ICs for Communications
Version 3.4 01.2000
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
ICs for Communications
Version 2.2 04.99
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
ICs for Communications
Versions 1.3 01.96
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
ICs for Communications
Version 1.1 12.97
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
ICs for Communications
Version 1.1 04.2000
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
ICs for Communications
Version 1.10 7.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
ICs for Communications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com