Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB20571 Datasheet (PDF) - Infineon Technologies AG

PEB20571 Datasheet PDF - Infineon Technologies AG
Part # PEB20571
Download  PEB20571 Download
File Size   170.77 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DSP Embedded Line and Port Interface Controller

PEB20571 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB20571 Datasheet PDF - Infineon Technologies AG

Part # PEB20571
Download  PEB20571 Click to download

File Size   170.77 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DSP Embedded Line and Port Interface Controller

PEB20571 Datasheet (HTML) - Infineon Technologies AG


PEB20571 Product details

Addendum to “DELIC Clock System Synchronization”

The DELIC Clock System Synchronization is described in the DELIC-LC PEB 20570/DELIC-PB PEB 20571 Data Sheet, independent of the version (2.1 .. 3.1).
As an addendum to chapter “DELIC Clock System Synchronization” of the DELICLC/DELIC-PB Data Sheet the following describes the system behaviour when using the VIP PEB 20590 or PEB 20591 in LT-T mode, for example when synchronizing to the Central Office.

When the Central Office is activated, its clock signal is retrieved by the RxPLL of the VIP and a 1.536 MHz reference signal is generated and used as input signal for the DELIC DCXO (pin XCLK). This signal is divided down to 8 kHz and used as input for the DCXO phase detector (PD). The second input to PD is another 8 kHz signal which originates from the 16.384 MHz output of the DCXO.

The DELIC PLL multiplies the 16.384 MHz DCXO signal up to 61.44 MHz. A divider generates the 15.36 MHz layer 1 clock which is used to clock the VIP.




Similar Part No. - PEB20571

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
3Mb / 291P
ICs for Communications
Version 2.1 2003-08
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
More results


Similar Description - PEB20571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5460 STMICROELECTRONICS-STLC5460 Datasheet
377Kb / 54P
LINE CARD INTERFACE CONTROLLER
Feb-1997
logo
Texas Instruments
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
DSP CONTROLLER
logo
Infineon Technologies A...
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
logo
Winbond
WPC8768L WINBOND-WPC8768L Datasheet
164Kb / 5P
Mobile Embedded Controller with SPI??Flash Interface and MCE-Compliant CIR Port
logo
Texas Instruments
TMS320F240 TI-TMS320F240_05 Datasheet
1Mb / 105P
DSP CONTROLLER
TMS320F240 TI-TMS320F240_08 Datasheet
1Mb / 105P
DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
DSP CONTROLLER
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
DSP CONTROLLER
logo
Nuvoton Technology Corp...
WPC8769L NUVOTON-WPC8769L Datasheet
196Kb / 5P
Mobile Embedded Controller with SPITM Flash Interface and MC-Compliant CIR Port
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com