Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB20954 Datasheet (PDF) - Infineon Technologies AG

PEB20954 Datasheet PDF - Infineon Technologies AG
Part # PEB20954
Download  PEB20954 Download
File Size   1827.51 Kbytes
Page   132 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEB20954 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB20954 Datasheet PDF - Infineon Technologies AG

Part # PEB20954
Download  PEB20954 Click to download

File Size   1827.51 Kbytes
Page   132 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ICs for Communications

PEB20954 Datasheet (HTML) - Infineon Technologies AG


PEB20954 Product details

Introduction
The Smart Integrated Digital Echo Canceller (SIDEC) suppresses echoes in telecommunication networks which might disturb any kind of terrestrial or wireless communication. It incorporates leading edge CMOS technology as well as INFINEON’s many years experience in Telecommunication ICs.

Key Features
• 2.048 MHz PCM input and output interfaces with selectable µ- and A-Law coding according to ITU G.711
• Rapid convergence of patented algorithm at the beginning or during a connection even in the presence of background noise at the near end subscriber
• Echo return loss enhancement of > 30 dB (ERLE)
• Detection of double talk for adaptive convergence control
• Independently controlled voiceband echo cancelling according to ITU G.165 and G.168 for
    – 32 channels with end echo path delay of less than 63.75 ms
    – 16 channels with end echo path delay of less than 127.75 ms (usage of two SIDEC in parallel for simultaneous processing of 32 channels is easily possible)
• Smart Non Linear Processor controlled by echoloss, echo path delay and background noise
• Various options for comfort noise injection
• Maskable disabling functions
    – 2100 Hz tone with phase reversal detection
    – 2100 Hz tone without phase reversal detection
    – 2010 Hz continuity check (SS7)
    – via PCM timeslot 16 Bit a, b, c or d according to ITU G.704
    – individual channels maskable via Microprocessor Interface, UCC Interface and Serial Interface
• Integrated Universal Control and Communication Interface (UCCI) for signaling highways with direct hardware control for:
    – disable cancelling
    – configurable disabling functions
    – communication between board controllers
• Support of Channel Associated Signaling (CAS) BR transparency (robbed bits) in send path
• Selectable µ- to A-Law or A- to µ-Law Conversion on a global or per channel basis
• Configurable idle channel supervision
• Clear channel capability (64 clear) on a per channel basis
• Special evaluation of bit 8 in T1 Modem calls possible (56 clear)
• Serial 256 kbit/s interface to control the functions disable cancelling, freeze coefficients, clear channel, disable NLP, PCM Law conversion control or combinations of above
• Monitor pins for several internal states
• Switchable global loop from receive output to send input and send output to receive input
• Switchable global attenuation (2.5 dB or 6 dB) at the receive and send output
• Flexible Microprocessor Interface (Intel or Motorola type, Mux and Demux mode) usable for:
    – configuration of parameters such as thresholds and functions on a global basis
    – Disable cancelling, freeze coefficients, clear channel, disable NLP, PCM Law conversion control (all functions individually for each channel)
    – support of background tests for disabled or idle timeslots (feeding and reading of test levels)
    – possibility to read levels, attenuations, internal states, signal values or all coefficients of a selected timeslot
    – control of the RAM Built In Self Test
• Advanced Integrated Watchdog Timer
• Supervision of the input clocks
• Various clock modes possible for 32.768 MHz and 8.192 MHz
• Boundary Scan according to IEEE 1149.1 Standard
• Power supply: 3.3 V, 5V tolerant inputs
• Typical power dissipation: 900 mW
• Plastic package P-TQFP 144-8, P-LFBGA 160-2
• Temperature range: -40°C - 85°C and 0°C - 70°C




Similar Part No. - PEB20954

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20954 INFINEON-PEB20954 Datasheet
2Mb / 164P
Smart Integrated Digital Echo Canceller
Rev. 2, July 2004
More results


Similar Description - PEB20954

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
ICs for Communications
10.97
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
ICs for Communications
Versions 1.3 01.96
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
ICs for Communications
Version 2.1 2003-08
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
ICs for Communications
Version 1.1 12.97
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
ICs for Communications
Version 1.1 04.2000
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
ICs for Communications
Version 1.10 7.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
ICs for Communications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com