Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF180601 Datasheet (PDF) - Infineon Technologies AG

PTF180601 Datasheet PDF - Infineon Technologies AG
Part # PTF180601
Download  PTF180601 Download
File Size   233.46 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz

PTF180601 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF180601 Datasheet PDF - Infineon Technologies AG

Part # PTF180601
Download  PTF180601 Click to download

File Size   233.46 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz

PTF180601 Datasheet (HTML) - Infineon Technologies AG


PTF180601 Product details

Description
The PTF180601 is a 60 W, internally matched GOLDMOS FET intended for EDGE applications in the DCS/PCS Band. Full gold metallization ensures excellent device lifetime and reliability.

Features
• Broadband internal matching
• Typical two-tone performance
   - Average output power = 30 W
   - Gain = 16.5 dB
   - Efficiency = 35%
• Typical CW performance
   - Output power at P–1dB = 75 W
   - Gain = 15.5 dB
   - Efficiency = 47%
• Integrated ESD protection: Human Body
   Model, Class 1 (minimum)
• Excellent thermal stability
• Low HCI Drift
• Capable of handling 10:1 VSWR @ 28 V,
   60 W (CW) output power




Similar Part No. - PTF180601

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTF180101M INFINEON-PTF180101M Datasheet
314Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 1.0 ??2.0 GHz
Rev. 05.1, 2009-02-18
PTF180101S INFINEON-PTF180101S Datasheet
310Kb / 10P
LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
PTF180901E INFINEON-PTF180901E Datasheet
169Kb / 2P
GSM/EDGE RF Power FET
2004-01-01
More results


Similar Description - PTF180601

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
logo
TriQuint Semiconductor
AGR19045EF TRIQUINT-AGR19045EF Datasheet
331Kb / 10P
45 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR19030EF TRIQUINT-AGR19030EF Datasheet
355Kb / 10P
30 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19060E TRIQUINT-AGR19060E Datasheet
412Kb / 10P
60 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19090E TRIQUINT-AGR19090E Datasheet
395Kb / 10P
90 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19125E TRIQUINT-AGR19125E Datasheet
395Kb / 10P
125 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
AGR19180EF TRIQUINT-AGR19180EF Datasheet
438Kb / 9P
180 W, 1930 MHz-1990 MHz, PCS LDMOS RF Power Transistor
logo
Infineon Technologies A...
PTF180101S INFINEON-PTF180101S Datasheet
209Kb / 10P
LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Rev. P03, 2007-03-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com