Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF180101S Datasheet (PDF) - Infineon Technologies AG

PTF180101S Datasheet PDF - Infineon Technologies AG
Part # PTF180101S
Download  PTF180101S Download
File Size   209.3 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz

PTF180101S Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF180101S Datasheet PDF - Infineon Technologies AG

Part # PTF180101S
Download  PTF180101S Click to download

File Size   209.3 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz

PTF180101S Datasheet (HTML) - Infineon Technologies AG


PTF180101S Product details

Description
The PTF180101 is a 10 W, internally–matched GOLDMOS FET device intended for EDGE applications in the DCS/PCS band. Full gold metallization
ensures excellent device lifetime and reliability.

Features
• Typical EDGE performance
   - Average output power = 4.0 W
   - Gain = 19.0 dB
   - Efficiency = 28%
   - EVM = 1.1 %
• Typical WCDMA performance
   - Average output power = 1.8 W
   - Gain = 18.0 dB
   - Efficiency = 20%
   - ACPR = –45 dBc
• Typical CW performance
   - Output power at P–1dB = 15 W
   - Efficiency = 50%
• Integrated ESD protection:
   Human Body Model Class 1 (minimum)
• Excellent thermal stability
• Low HCI drift
• Capable of handling 10:1 VSWR @ 28 V,
   10 W (CW) output power




Similar Part No. - PTF180101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF180101S INFINEON-PTF180101S Datasheet
310Kb / 10P
LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
More results


Similar Description - PTF180101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF180101 INFINEON-PTF180101 Datasheet
310Kb / 10P
LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
2004-02-03
PTF180601 INFINEON-PTF180601 Datasheet
233Kb / 11P
LDMOS Field Effect Transistor 60 W, DCS/PCS Band 1805-1880 MHz, 1930-1990 MHz
2004-05-03
PTF181301 INFINEON-PTF181301 Datasheet
66Kb / 4P
LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
2004-04-28
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com