Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5004DSP30 Datasheet (PDF) - STMicroelectronics

VND5004DSP30 Datasheet PDF - STMicroelectronics
Part # VND5004DSP30
Download  VND5004DSP30 Download
File Size   579.08 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double 4m high-side driver with analog CurrentSense

VND5004DSP30 Datasheet (PDF)

Go To PDF Page Download Datasheet
VND5004DSP30 Datasheet PDF - STMicroelectronics

Part # VND5004DSP30
Download  VND5004DSP30 Click to download

File Size   579.08 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double 4m high-side driver with analog CurrentSense

VND5004DSP30 Datasheet (HTML) - STMicroelectronics


VND5004DSP30 Product details

Description
The device is a double channel high-side driver manufactured using STMicroelectronics proprietary VIPower® M0-5 technology. It is intended for driving resistive or inductive loads with one side connected to ground. Active VCC pin voltage clamp and load dump protection circuit protect the device against transients on the VCC pin. The device integrates an analog current sense which delivers a current proportional to the load current (according to a known ratio) when CS_DIS is driven low or left open. When CS_DIS is driven high, the CURRENT SENSE pin is high impedance. Output current limitation protects the device in overload condition. In case of long duration overload, the device limits the dissipated power to a safe level up to thermal shutdown intervention.

Features
■ Automotive qualified
■ General – Inrush current active management by power limitation – Very low standby current – 3.0 V CMOS compatible input – Optimized electromagnetic emission – Very low electromagnetic susceptibility – In compliance with the 2002/95/EC European directive
■ Diagnostic functions – Proportional load current sense – Current sense disable –

Applications
■ All types of resistive, inductive and capacitive loads
■ Suitable for power management applications




Similar Part No. - VND5004DSP30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5004A-E STMICROELECTRONICS-VND5004A-E Datasheet
549Kb / 34P
Double 4mΩ high side driver with analog current sense for automotive applications
10-Dec-2007
VND5004A-E STMICROELECTRONICS-VND5004A-E Datasheet
857Kb / 34P
Double 4 mΩ high-side driver with analog current sense for automotive applications
11-Jan-2017
VND5004A-E STMICROELECTRONICS-VND5004A-E_V01 Datasheet
857Kb / 34P
Double 4 mΩ high-side driver with analog current sense for automotive applications
11-Jan-2017
VND5004ASP30-E STMICROELECTRONICS-VND5004ASP30-E Datasheet
549Kb / 34P
Double 4mΩ high side driver with analog current sense for automotive applications
10-Dec-2007
VND5004ASP30-E STMICROELECTRONICS-VND5004ASP30-E Datasheet
857Kb / 34P
Double 4 mΩ high-side driver with analog current sense for automotive applications
11-Jan-2017
More results


Similar Description - VND5004DSP30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
13-Oct-2015
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
22-Jun-2015
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
Double 4m high-side driver with analog CurrentSense
02-Nov-2015
VND5004CSP30 STMICROELECTRONICS-VND5004CSP30 Datasheet
578Kb / 28P
Double 4m high-side driver with analog CurrentSense
02-Nov-2015
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
14-Sep-2015
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
Quad channel high-side driver with CurrentSense analog feedback
04-Jun-2015
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
Double channel high-side driver with CurrentSense analog feedback for automotive applications
15-Nov-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com