Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5004DSP30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 1 Page - STMicroelectronics

  VND5004DSP30 Datasheet HTML 1Page - STMicroelectronics VND5004DSP30 Datasheet HTML 2Page - STMicroelectronics VND5004DSP30 Datasheet HTML 3Page - STMicroelectronics VND5004DSP30 Datasheet HTML 4Page - STMicroelectronics VND5004DSP30 Datasheet HTML 5Page - STMicroelectronics VND5004DSP30 Datasheet HTML 6Page - STMicroelectronics VND5004DSP30 Datasheet HTML 7Page - STMicroelectronics VND5004DSP30 Datasheet HTML 8Page - STMicroelectronics VND5004DSP30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
November 2015
DocID027939 Rev 2
1/28
VND5004DSP30
Double 4m
Ω high-side driver with analog CurrentSense for
automotive applications
Datasheet
- production data
Features
• Automotive qualified
• General
– Inrush current active management by
power limitation
– Very low standby current
– 3.0 V CMOS compatible input
– Optimized electromagnetic emission
– Very low electromagnetic susceptibility
– In compliance with the 2002/95/EC
European directive
• Diagnostic functions
– Proportional load current sense
– Current sense disable
– Thermal shutdown indication
• Protection
– Undervoltage shutdown
– Overvoltage clamp
– Load current limitation
– Thermal shutdown
– Self limiting of fast thermal transients
– Protection against loss of ground and loss
of VCC
– Reverse battery protection with self switch
on of the Power MOSFET
– Electrostatic discharge protection
application
• All types of resistive, inductive and capacitive
loads
• Suitable for power management applications
Description
The device is a double channel high-side driver
manufactured using STMicroelectronics
proprietary VIPower® M0-5 technology. It is
intended for driving resistive or inductive loads
with one side connected to ground.
Active VCC pin voltage clamp and load dump
protection circuit protect the device against
transients on the VCC pin. The device integrates
an analog current sense which delivers a current
proportional to the load current (according to a
known ratio) when CS_DIS is driven low or left
open. When CS_DIS is driven high, the
CURRENT SENSE pin is high impedance.
Output current limitation protects the device in
overload condition. In case of long duration
overload, the device limits the dissipated power to
a safe level up to thermal shutdown intervention.
Thermal shutdown with automatic restart allows
the device to recover normal operation as soon as
a fault condition disappears.
Max transient supply voltage
VCC
41 V
Operating voltage range
VCC
4.5 to 28 V
Max on-state resistance
RON
4 m
Ω
Current limitation (typ)
ILIMH
100 A
Off-state supply current
IS
2 µA(1)
1.
Typical value with all loads connected.
www.st.com


Similar Part No. - VND5004DSP30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5004A-E STMICROELECTRONICS-VND5004A-E Datasheet
549Kb / 34P
Double 4mΩ high side driver with analog current sense for automotive applications
10-Dec-2007
VND5004A-E STMICROELECTRONICS-VND5004A-E Datasheet
857Kb / 34P
Double 4 mΩ high-side driver with analog current sense for automotive applications
11-Jan-2017
VND5004A-E STMICROELECTRONICS-VND5004A-E_V01 Datasheet
857Kb / 34P
Double 4 mΩ high-side driver with analog current sense for automotive applications
11-Jan-2017
VND5004ASP30-E STMICROELECTRONICS-VND5004ASP30-E Datasheet
549Kb / 34P
Double 4mΩ high side driver with analog current sense for automotive applications
10-Dec-2007
VND5004ASP30-E STMICROELECTRONICS-VND5004ASP30-E Datasheet
857Kb / 34P
Double 4 mΩ high-side driver with analog current sense for automotive applications
11-Jan-2017
More results

Similar Description - VND5004DSP30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
13-Oct-2015
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
22-Jun-2015
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
Double 4m high-side driver with analog CurrentSense
02-Nov-2015
VND5004CSP30 STMICROELECTRONICS-VND5004CSP30 Datasheet
578Kb / 28P
Double 4m high-side driver with analog CurrentSense
02-Nov-2015
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
14-Sep-2015
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
Quad channel high-side driver with CurrentSense analog feedback
04-Jun-2015
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
Double channel high-side driver with CurrentSense analog feedback for automotive applications
15-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com