Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5004DSP30 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND5004DSP30 Datasheet HTML 17Page - STMicroelectronics VND5004DSP30 Datasheet HTML 18Page - STMicroelectronics VND5004DSP30 Datasheet HTML 19Page - STMicroelectronics VND5004DSP30 Datasheet HTML 20Page - STMicroelectronics VND5004DSP30 Datasheet HTML 21Page - STMicroelectronics VND5004DSP30 Datasheet HTML 22Page - STMicroelectronics VND5004DSP30 Datasheet HTML 23Page - STMicroelectronics VND5004DSP30 Datasheet HTML 24Page - STMicroelectronics VND5004DSP30 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID027939 Rev 2
21/28
VND5004DSP30
Package and PC board thermal data
27
Figure 26. MultiPowerSO-30 thermal impedance junction ambient single pulse (one
channel on)
Figure 27. Thermal fitting model of a double channel HSD in MultiPowerSO-30
Note:
The fitting model is a simplified thermal tool and is valid for transient evolutions where the
embedded protections (power limitation or thermal cycling during thermal shutdown) are not
triggered.
Equation 1: pulse calculation formula
where
δ = tP/T
Z
TH
δ
R
TH δ
Z
THtp
1
δ
–
()
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com