Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB80C517A Datasheet (PDF) - Infineon Technologies AG

SAB80C517A Datasheet PDF - Infineon Technologies AG
Part # SAB80C517A
Download  SAB80C517A Download
File Size   1358.58 Kbytes
Page   77 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit CMOS Single-Chip Microcontroller

SAB80C517A Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB80C517A Datasheet PDF - Infineon Technologies AG

Part # SAB80C517A
Download  SAB80C517A Click to download

File Size   1358.58 Kbytes
Page   77 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit CMOS Single-Chip Microcontroller

SAB80C517A Datasheet (HTML) - Infineon Technologies AG


SAB80C517A Product details

High-Performanc 8-Bit CMOS Single-Chip Microcontroller



The SAB 80C517A/83C517A-5 is a high-end member of the Siemens SAB 8051 family of

microcontrollers. It is designed in Siemens ACMOS technology and based on SAB 8051 architecture. ACMOS is a technology which combines high-speed and density characteristics with low-power consumption or dissipation.



SAB 80C517A/83C517A-5, up to 18 MHz operation

32 K×8 ROM (SAB 83C517A-5 only, ROM-Protection available)

256 ×8 on-chip RAM

2 K ×8 on-chip RAM (XRAM)

Superset of SAB 80C51 architecture:

  – 1µs instruction cycle time at 12 MHz

  – 666 ns instruction cycle time at 18 MHz

  – 256 directly addressable bits

  – Boolean processor

  – 64 Kbyte external data and

program memory addressing

Four 16-bit timer/counters

Powerful 16-bit compare/capture unit (CCU) with up to 21 high-speed or PWM output channels and 5 capture inputs

Versatile "fail-safe" provisions

Fast 32-bit division, 16-bit multiplication, 

32-bit normalize and shift by peripheral MUL/DIV unit (MDU)

Eight data pointers for external memory addressing

Seventeen interrupt vectors, four priority levels selectable

Genuine 10-bit A/D converter with 12 multiplexed inputs

Two full duplex serial interfaces with programmable Baudrate-Generators

Fully upward compatible with SAB 80C515, SAB 80C517, SAB 80C515A

Extended power saving mode

Fast Power-On Reset

Nine ports: 56 I/O lines, 12 input lines

Three temperature ranges available: 0 to 70 oC (T1)

  – 40 to 85oC (T3)

  – 40 to 110oC (T4)

Plastic packages: P-LCC-84, P-MQFP-100-2




Similar Part No. - SAB80C517A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517A SIEMENS-SAB80C517A Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517A-M18 SIEMENS-SAB80C517A-M18 Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517A-M18 SIEMENS-SAB80C517A-M18 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517A-N18 SIEMENS-SAB80C517A-N18 Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
More results


Similar Description - SAB80C517A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
8-Bit CMOS Single-Chip Microcontroller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com