Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB82532 Datasheet (PDF) - Siemens Semiconductor Group

SAB82532 Datasheet PDF - Siemens Semiconductor Group
Part # SAB82532
Download  SAB82532 Download
File Size   4055.17 Kbytes
Page   272 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ICs for Communications

SAB82532 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB82532 Datasheet PDF - Siemens Semiconductor Group

Part # SAB82532
Download  SAB82532 Click to download

File Size   4055.17 Kbytes
Page   272 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ICs for Communications

SAB82532 Datasheet (HTML) - Siemens Semiconductor Group


SAB82532 Product details

Introduction

The Enhanced Serial Communication Controller ESCC2 (SAB 82532/SAF 82532) is a multiprotocol data communication controller with two symmetrical serial channels. It has been designed to implement high-speed communication links and to reduce hardware and software overhead needed for serial synchronous/asynchronous communications.

Each channel contains an independent clock generator, DPLL, encoder/decoder and programmable protocol hardware. Data communication with asynchronous, synchronous character oriented, and HDLC based protocols with extended support of X.25 LAPB, the ISDN LAPD, and SDLC protocols is implemented. Like the SAB 82525 (HSCX) which is a functional subset of the ESCC2, the ESCC2 is capable of handling a large set of layer-2 protocol functions independently of the host processor.



Features

Serial Interface

• Two independent full duplex serial channels

   – On chip clock generation or external clock source

   – On chip DPLL for clock recovery of each channel

   – Two independent baud rate generators

   – Independent time-slot assignment for each channel with programmable time-slot length (1 … 256 bits)

• Async, sync character oriented (MONOSYNC/BISYNC) or HDLC/SDLC modes (including SDLC LOOP)

• Transparent receive/transmit of data bytes without framing

• NRZ, NRZI, FM and Manchester encoding

• Modem control lines (RTS, CTS, CD)

• CRC support:

   – HDLC/SDLC: CRC-CCITT or CRC-32 (automatic handling for transmit/receive direction)

   – BISYNC: CRC-16 or CRC-CCITT (support for transmit direction)

• Support of bus configuration by collision detection and resolution

• Statistical multiplexing

• Continuous transmission of 1 to 32 bytes possible

• Programmable preamble (8 bit) with selectable repetition rate (HDLC/SDLC and BISYNC)

• Data rate up to 10 Mbit/s

• Master clock mode with data rate up to 4 Mbit/s



Protocol Support (HDLC/SDLC)

• Various types of protocol support depending on operating mode

   – Auto mode (automatic handling of S- and I-frames)

   – Non-auto mode

   – Transparent mode

• Handling of bit oriented functions

• Support of LAPB/LAPD/SDLC/HDLC protocol in auto mode (I- and S-frame handling)

• Modulo-8 or modulo-128 operation

• Programmable time-out and retry conditions

• Programmable maximum packet size checking



MP Interface and Ports

• 64 byte FIFOs per channel and direction (byte or word access)

• 8/16 bit microprocessor bus interface (Intel or Motorola type)

• All registers directly accessible (byte and word access)

• Efficient transfer of data blocks from/to system memory via DMA or interrupt request

• Support of Daisy Chaining and Slave Operation with Interrupt Vector generation

• 8-bit programmable bi-directional universal port



General

• Advanced CMOS technology

• Low power consumption: active 40 mW at 2 MHz/standby 5 mW (typical values)

• P-LCC-68 Package

• P-MQFP-80 Package



Applications

• Universal, multiprotocol communication board for Workstation- and PC-boards

• Terminal controllers

• Computer peripherals

• Time slotted packet networks

• Multimaster communication networks

• LANs



 




Similar Part No. - SAB82532

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82538 INFINEON-SAB82538 Datasheet
2Mb / 253P
ICs for Communications
03.95
SAB82538H INFINEON-SAB82538H Datasheet
2Mb / 253P
ICs for Communications
03.95
SAB82538H-10 INFINEON-SAB82538H-10 Datasheet
2Mb / 253P
ICs for Communications
03.95
More results


Similar Description - SAB82532

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
ICs for Communications
10.97
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
ICs for Communications
Versions 1.3 01.96
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
ICs for Communications
Version 2.1 2003-08
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
ICs for Communications
Version 1.1 12.97
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
ICs for Communications
Version 1.1 04.2000
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
ICs for Communications
Version 1.10 7.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
ICs for Communications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com