Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAB-C504 Datasheet (PDF) - Infineon Technologies AG

SAB-C504 Datasheet PDF - Infineon Technologies AG
Part # SAB-C504
Download  SAB-C504 Download
File Size   1231.3 Kbytes
Page   71 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

SAB-C504 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAB-C504 Datasheet PDF - Infineon Technologies AG

Part # SAB-C504
Download  SAB-C504 Click to download

File Size   1231.3 Kbytes
Page   71 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

SAB-C504 Datasheet (HTML) - Infineon Technologies AG


SAB-C504 Product details

• Fully compatible to standard 8051 microcontroller

• Up to 40 MHz external operating frequency

• 16 Kbyte on-chip program memory

– C504-2R: ROM version (with optional ROM protection)

– C504-2E: programmable OTP version

– C504-L: without on-chip program memory

• 256 byte on-chip RAM

• 256 byte on-chip XRAM

• Four 8-bit ports

– 2 ports with mixed analog/digital I/O capability

• Three 16-bit timers/counters

– Timer 2 with up/down counter feature

• Capture/compare unit for PWM signal generation and signal capturing

– 3-channel, 16-bit capture/compare unit

– 1-channel, 10-bit compare unit

• Full duplex serial interface (USART)

• 10-bit A/D Converter with 8 multiplexed inputs

• Twelve interrupt sources with two priority levels

• On-chip emulation support logic (Enhanced Hooks Technology TM)

• Programmable 15-bit Watchdog Timer

• Oscillator Watchdog

• Fast Power On Reset

• Power Saving Modes

– Idle mode

– Power-down mode with wake-up capability through INT0

• M-QFP-44 package

• Temperature ranges: SAB-C504 TA: 0 to 70 °C

                              SAF-C504 TA: – 40 to 85 °C

                              SAK-C504 TA: – 40 to 125 °C

                                  (max. operating frequency: 24 MHz)

 




Similar Part No. - SAB-C504

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C504-2R24M SIEMENS-SAB-C504-2R24M Datasheet
962Kb / 49P
8-Bit CMOS Microcontroller
SAB-C504-2R40M SIEMENS-SAB-C504-2R40M Datasheet
962Kb / 49P
8-Bit CMOS Microcontroller
SAB-C504-2RM SIEMENS-SAB-C504-2RM Datasheet
962Kb / 49P
8-Bit CMOS Microcontroller
SAB-C504-L24M SIEMENS-SAB-C504-L24M Datasheet
962Kb / 49P
8-Bit CMOS Microcontroller
SAB-C504-L40M SIEMENS-SAB-C504-L40M Datasheet
962Kb / 49P
8-Bit CMOS Microcontroller
More results


Similar Description - SAB-C504

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com