Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP12 Datasheet (PDF) - Infineon Technologies AG

SP12 Datasheet PDF - Infineon Technologies AG
Part # SP12
Download  SP12 Download
File Size   1361.46 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TYRE PRESSURE SENSOR WITH ACCELEROMETER

SP12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP12 Datasheet PDF - Infineon Technologies AG

Part # SP12
Download  SP12 Click to download

File Size   1361.46 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TYRE PRESSURE SENSOR WITH ACCELEROMETER

SP12 Datasheet (HTML) - Infineon Technologies AG


SP12 Product details

TYRE PRESSURE SENSOR WITH ACCELEROMETER

S P 1 2 is a piezoresistive pressure sensor and accelerometer designed for tyre pressure measurement applications.The design is based on proven high-volume, low cost production processes developed for products to be used in automotive applications.The SP12 is supplied in a 14 pin SOP (Small Outline Package) plastic package.

The sensor design is based upon SensoNor’s proprietary and patented solutions aimed at high reliabilty measurements in harsh environments, still with a predictable and stable quality in high volume applications.

The SP12 measures pressure, temperature, supply voltage and radial acceleration, and by integrating these functions with an ASIC in one package, SensoNor has developed the ideal product for tyre pressure monitoring applications, offering the system designer the flexibility to determine sequences and functionality according to his customers demands.

■ Pressure sensor: Range: 100 to 450kPa
■ Temperature sensor: Range: -40 to +125°C
■ Supply Voltage sensor: Range: 1.8 to 3.6V
■ Acceleration sensor: Range: -12 to 115g




Similar Part No. - SP12

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
SP12 CHAUVINARNOUX-SP12 Datasheet
2Mb / 8P
Logger contact thermometers
logo
Littelfuse
SP12-01WTG-C-HV LITTELFUSE-SP12-01WTG-C-HV Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
logo
EUROQUARTZ limited
SP12000A EUROQUARTZ-SP12000A Datasheet
112Kb / 1P
OSCILLATORS - PROGRAMMABLE
logo
DB Unlimited.
SP1200308-1 DBUNLIMITED-SP1200308-1 Datasheet
547Kb / 1P
Released from Engineering
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
Protection Thyristor
More results


Similar Description - SP12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP12T INFINEON-SP12T Datasheet
1Mb / 2P
TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
2003
logo
List of Unclassifed Man...
SP12T-T7 ETC2-SP12T-T7 Datasheet
1Mb / 2P
TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
logo
SparkFun Electronics
SEN-12589 SPARKFUN-SEN-12589 Datasheet
138Kb / 2P
SparkFun RedBot Sensor - Accelerometer
logo
Generalplus Technology ...
GPY0131A GENERALPLUS-GPY0131A Datasheet
1Mb / 23P
3Axis Accelerometer Sensor interface
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
logo
Amphenol Wilcoxon Sensi...
735T WILCOXON-735T Datasheet
321Kb / 1P
Seismic accelerometer with temperature sensor
Rev.D.2 08/19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com