Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP12 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SP12
Description  TYRE PRESSURE SENSOR WITH ACCELEROMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP12 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SP12 Datasheet HTML 1Page - Infineon Technologies AG SP12 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Attention please!
The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits
descriptions and charts stated herein.
Information
For further information on technology, delivery terms and conditions and prices please contact SensoNor AS
P R O D U C T B R I E F
PRESSURE MEASUREMENTS
All specification limits to be understood as 4 sigma values. The specified values reflect the situation with an ideal
voltage source (0 ohm internal resistance)
Input range
Resolution
Measurement error
Measurement time
Unit
kPa
kPa/lsb
kPa
kPa
kPa
kPa
kPa
kPa
kPa
kPa
ms
Min
100
-8.5
-20
-10
-25
-17
-30
-25
-40
Typ
--
1.37
Max
450
8.5
20
10
25
17
30
25
40
6
Temperature [° C]
-40 to 125
-40 to 125
0 to 50
0 to 50
-20 to 70
-20 to 70
-40 to 100
-40 to 100
100 to 125
100 to 125
Pressure [kPa]
100 - 450
100 - 450
200 - 400
100 - 450
200 - 400
100 - 450
200 - 400
100 - 450
200 - 400
100 - 450
Supply voltage [ V ]
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
SPECIFICATION
AMBIENT CONDITION
PARAMETER
YYWWXXX
ZZZZ
NNNNN
PACKAGE T YPE 6
How to reach us:
Phone: +47 33 03 50 00
Fax:
+47 33 03 50 05
www.sensonor.com
marketing@sensonor.no
Published by
SensoNor AS
Knudsrødveien 7
P.O.Box 196
N.3192 Horten
Norway
© SensoNor AS 2003. All Rights Reserved
October 2003, 1000 ex.
Attention please!
The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits
descriptions and charts stated herein.
Information
For further information on technology, delivery terms and conditions and prices please contact SensoNor AS
PARAMETER
MIN
MAX
UNIT
ABSOLUTE MAXIMUM RATINGS
Prolonged exposure to values between recommended operating conditions and absolute maximum ratings
might affect the performance or reliability of the device
Input pressure
Storage temperature
-40
Temperature in application
-40
Temperature, transient
-40
Supply voltage
-0.3
Input voltage, any pin
-0.3
Latch-up protection
-100
ESD protection (machine model)
-200
ESD protection (human body model)
-2
Mechanical shock
Static acceleration
kPa
°C
°C
°C
V
V
mA
V
kV
g
g
1400
150
150
175
6.0
VDD + 0.3
100
200
2
2000
2000
SPECIFICATION
AMBIENT CONDITION
PARAMETER
SUPPLY VOLTAGE MEASUREMENTS
All specification limits to be understood as 4 sigma values
Input range
Resolution
Measurement error
Delay time between supply
voltage measurement
command and sampling
Delay time between sampling
and A/D conversion
Measurement time
Unit
Min
Typ
Max
Temperature [° C]
Supply voltage [ V ]
1.8 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
-40 to 125
-40 to 125
-40 to 125
-40 to 125
-40 to 125
3.6
0.1
4.2
12
17
0.0184
3.5
10
1.8
-0.1
2.8
8
V
V/lsb
V
ms
ms
ms
Input range
Resolution
Deviation
from actual temperature
Measurement time
Unit
° C
° C/lsb
° C
° C
° C
° C
° C
ms
Min
-40
-4
-5
-8
-7
-10
Max
125
4
5
8
7
10
1.5
-40 to 125
-40 to 125
0 to 50
-40 to 100
+100 to 125
0 to 50
-40 to 125
Supply voltage [ V ]
2.1 - 3.6
2.1 - 3.6
2.5 - 3.6
2.5 - 3.6
2.5 - 3.6
2.1 - 2.5
2.1 - 2.5
SPECIFICATION
AMBIENT CONDITION
PARAMETER
TEMPERATURE MEASUREMENTS
All specification limits to be understood as 5 sigma values
Typ
--
1
Input range
Resolution
Sensitivity accuracy
Offset
Random error (inc. quant. error,
noise, repeatability)
Measurement time
Unit
g
g/lsb
%
%
g
g
g
g
g
ms
-12
-18.75
-24
-6
-8.75
-12
-2
-4
Typ
0.5
115
18.75
24
6
8.75
12
2
4
6
-40 to 90
-40 to 90
-40 to 90
90 to 125
25
-40 to 90
90 to 125
-40 to 90
90 to 125
2.1 to 3.6
2.1 to 3.6
2.1 to 3.6
2.1 to 3.6
2.1 to 3.6
2.1 to 3.6
2.1 to 3.6
SPECIFICATION
AMBIENT CONDITION
PARAMETER
ACCELEROMETER MEASUREMENTS
All specification limits to be understood as 4 sigma values. The specified values reflect the situation with an ideal
voltage source (0 ohm internal resistance)
Supply voltage [ V ]
Temperature [° C]
Min
Max
Temperature [° C]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com