Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5212 Datasheet (PDF) - Infineon Technologies AG

TDA5212 Datasheet PDF - Infineon Technologies AG
Part # TDA5212
Download  TDA5212 Download
File Size   1222.74 Kbytes
Page   51 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK 915MHz Single Conversion Receiver

TDA5212 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5212 Datasheet PDF - Infineon Technologies AG

Part # TDA5212
Download  TDA5212 Click to download

File Size   1222.74 Kbytes
Page   51 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK 915MHz Single Conversion Receiver

TDA5212 Datasheet (HTML) - Infineon Technologies AG


TDA5212 Product details

The IC is a very low power consumption single chip FSK/ASK Superheterodyne Receiver (SHR) for receive frequencies between 902 and 928 MHz that is pin compatible to the ASK Receiver TDA5202. The IC offers a high level of integration and needs only a few external components. The device contains a low noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a PLL synthesiser, a crystal oscillator, a limiter with RSSI generator, a PLL FSK demodulator, a data filter, a data comparator (slicer) and a peak detector. Additionally there is a power down feature to save battery life.



Features

■ Low supply current (Is = 5.4 mA typ.FSK mode, 4.8 mA typ. ASK mode)

■ Supply voltage range 5V ±10%

■ Power down mode with very low supply current (90nA typ.)

■ FSK and ASK demodulation capability

■ Fully integrated VCO and PLL Synthesiser

■ RF input sensitivity ASK -112dBm typ. at 25°C, better than -109dBm over complete specified operating temperature range (-40 to +85°C)

■ RF input sensitivity FSK -105dBm typ. at 25°C, better than -102dBm over complete specified operating temperature range (-40 to +85°C)

■ Receive frequency range between 902 and 928 MHz

■ Selectable reference frequency

■ Limiter with RSSI generation, operating at 10.7MHz

■ 2nd order low pass data filter with external capacitors

■ Data slicer with self-adjusting threshold



Application

■ Keyless Entry Systems

■ Remote Control Systems

■ Low Bitrate ISM-band Communication Systems




Similar Part No. - TDA5212

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5212 INFINEON-TDA5212 Datasheet
724Kb / 49P
ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
More results


Similar Description - TDA5212

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
logo
Melexis Microelectronic...
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
868/915MHz FSK/FM/ASK Receiver
logo
Infineon Technologies A...
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com