Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5220 Datasheet (PDF) - Infineon Technologies AG

TDA5220 Datasheet PDF - Infineon Technologies AG
Part # TDA5220
Download  TDA5220 Download
File Size   719.04 Kbytes
Page   44 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK Single Conversion Receiver

TDA5220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5220 Datasheet PDF - Infineon Technologies AG

Part # TDA5220
Download  TDA5220 Click to download

File Size   719.04 Kbytes
Page   44 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK/FSK Single Conversion Receiver

TDA5220 Datasheet (HTML) - Infineon Technologies AG


TDA5220 Product details

The IC is a very low power consumption single chip FSK/ASK Superheterodyne Receiver (SHR) for the frequency bands 810 to 870 MHz and 400 to 440 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a low noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a PLL synthesiser, a crystal oscillator, a limiter with RSSI generator, a PLL FSK demodulator, a data filter, an advanced data comparator (slicer) with selection between two threshold modes and a peak detector. Additionally there is a power down feature to save current and extend battery life, and two selectable alternatives of generating the data slicer threshold.



• Low supply current (Is = 5.7/5.9 mA typ. in FSK mode, Is = 5.0/5.2 mA typ. in ASK mode for 434/868 MHz)

• Supply voltage range 5V ±10%

• Power down mode with very low supply current (50nA typ.)

• FSK and ASK demodulation capability

• Fully integrated VCO and PLL Synthesiser

• ASK sensitivity better than -106 dBm over specified temperature range (- 40 to +105°C)

• FSK sensitivity better than -100 dBm over specified temperature range (- 40 to +105°C)

• Selectable frequency ranges 810-870 MHz and 400-440 MHz

• Limiter with RSSI generation, operating at 10.7MHz

• 2nd order low pass data filter with external capacitors

• Data slicer with selection between two threshold modes




Similar Part No. - TDA5220

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5220 INFINEON-TDA5220 Datasheet
32Kb / 1P
Material Content Data Sheet
7. September 2015
TDA5220 INFINEON-TDA5220_15 Datasheet
32Kb / 1P
Material Content Data Sheet
7. September 2015
More results


Similar Description - TDA5220

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com