Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet (PDF) - Infineon Technologies AG

TLE4917 Datasheet PDF - Infineon Technologies AG
Part # TLE4917
Download  TLE4917 Download
File Size   259.57 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Power Hall Switch

TLE4917 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4917 Datasheet PDF - Infineon Technologies AG

Part # TLE4917
Download  TLE4917 Click to download

File Size   259.57 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Power Hall Switch

TLE4917 Datasheet (HTML) - Infineon Technologies AG


TLE4917 Product details

Functional Description

The TLE 4917 is an Integrated Hall-Effect Sensor designed specifically to meet the requirements of low-power devices. e.g. as an On/Off switch in Cellular Flip-Phones, with battery operating voltages of 2.4V ñ 5.5V.

Precise magnetic switching points and high temperature stability are achieved through the unique design of the internal circuit.



Features

• Micro power design

• 2.4 V to 5.5 V battery operation

• High sensitivity and high stability of the magnetic switching points

• High resistance to mechanical stress

• Digital output signal

• Switching for both poles of a magnet (omnipolar)

• Programming pin for the switching direction of the output

• Not suitable for automotive application




Similar Part No. - TLE4917

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4917 INFINEON-TLE4917 Datasheet
263Kb / 13P
Low Power Hall Switch
2002-08-22
TLE4917 INFINEON-TLE4917_06 Datasheet
263Kb / 13P
Low Power Hall Switch
2002-08-22
More results


Similar Description - TLE4917

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4913 INFINEON-TLE4913 Datasheet
197Kb / 12P
Low Power Hall Switch
V 2.2, 2004-03-09
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Infineon Technologies A...
TLE4916-1K INFINEON-TLE4916-1K Datasheet
1Mb / 16P
Low Power Automotive Hall Switch
Rev.1.0, 2010-02-23
TLE4917 INFINEON-TLE4917_06 Datasheet
263Kb / 13P
Low Power Hall Switch
2002-08-22
logo
Unisonic Technologies
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
AiT Semiconductor Inc.
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com