Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4917 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4917 Datasheet HTML 1Page - Infineon Technologies AG TLE4917 Datasheet HTML 2Page - Infineon Technologies AG TLE4917 Datasheet HTML 3Page - Infineon Technologies AG TLE4917 Datasheet HTML 4Page - Infineon Technologies AG TLE4917 Datasheet HTML 5Page - Infineon Technologies AG TLE4917 Datasheet HTML 6Page - Infineon Technologies AG TLE4917 Datasheet HTML 7Page - Infineon Technologies AG TLE4917 Datasheet HTML 8Page - Infineon Technologies AG TLE4917 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
4
normal state. In that case the output Q is off at high magnetic fields and no current is
flowing in the open drain transistor.
The output transistor can sink up to 1 mA with a maximal saturation voltage V
QSAT.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Supply Voltage
V
S
– 0.3
5.5
V
Supply Current
I
S
– 1
2.5
mA
Output Voltage
V
Q
– 0.3
5.5
V
Output Current
I
Q
– 1
2
mA
Programming Pin Voltage V
PRG
– 0.3
5.5
1)
V
Junction temperature
T
j
– 40
150
°C
Storage temperature
T
S
– 40
150
°C
Magnetic Flux Density
B
–
unlimited
mT
Thermal Resistance
P-TSOP6-6-2
R
th JA
–
35
K/W
1)
V
PRG must not exceed Vs
by more than 0.3V
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
ESD Protection
Human Body Model (HBM) tests according to:
EOS/ESD Association Standard S5.1-1993 and Mil. Std. 883D method 3015.7
Parameter
Symbol
Limit Values
Unit
Notes
Min.
max.
ESD Voltage
V
ESD
± 2
kV
R = 1.5 k
Ω,
C = 100 pF;
T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com