Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42722 Datasheet (PDF) - Peregrine Semiconductor

PE42722 Datasheet PDF - Peregrine Semiconductor
Part # PE42722
Download  PE42722 Download
File Size   361.56 Kbytes
Page   15 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS SPDT RF Switch, 5-1794 MHz

PE42722 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42722 Datasheet PDF - Peregrine Semiconductor

Part # PE42722
Download  PE42722 Click to download

File Size   361.56 Kbytes
Page   15 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS SPDT RF Switch, 5-1794 MHz

PE42722 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42722

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Pasternack Enterprises,...
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS
PE4272-EK PEREGRINE-PE4272-EK Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
More results


Similar Description - PE42722

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE42723 PSEMI-PE42723 Datasheet
525Kb / 17P
UltraCMOS SPDT RF Switch, 5-1794 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com