Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220 Datasheet (PDF) - Sipex Corporation

SP3220 Datasheet PDF - Sipex Corporation
Part # SP3220
Download  SP3220 Download
File Size   102.54 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V to 5.5V RS-232 Driver/Receiver Pair

SP3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3220 Datasheet PDF - Sipex Corporation

Part # SP3220
Download  SP3220 Click to download

File Size   102.54 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V to 5.5V RS-232 Driver/Receiver Pair

SP3220 Datasheet (HTML) - Sipex Corporation


SP3220 Product details

DESCRIPTION
The SP3220 device is an RS-232 driver/receiver solution intended for portable or hand-held applications such as notebook or palmtop computers. The SP3220 device has a highefficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump allows the SP3220 device to deliver true RS-232 performance from a single power supply ranging from +3.3V to +5.0V.
The SP3220 device has a low-power shutdown mode where the driver outputs and charge pumps are disabled. During shutdown, the supply current falls to less than 1µA.

■ Meets True RS-232 Protocol Operation From A +3.0V to +5.5V Power Supply
■ Minimum 120 Kbps Data Rate Under Full Load
■ 1µA Low-Power Shutdown With Receivers Active
■ Interoperable With RS-232 Down To +2.7V Power Source
■ Pin-Compatible With The MAX3221E Device Without The AUTO ON-LINE® Feature
■ ESD Specifications: +2kV Human Body Model




Similar Part No. - SP3220

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220 SIPEX-SP3220 Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCA SIPEX-SP3220BCA Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCT SIPEX-SP3220BCT Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220BCY SIPEX-SP3220BCY Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Similar Description - SP3220

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220B SIPEX-SP3220B Datasheet
115Kb / 18P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EBEY-L EXAR-SP3220EBEY-L Datasheet
985Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
MaxLinear. All Rights R...
SP3220E MAXLINEAR-SP3220E Datasheet
612Kb / 19P
3.0V to 5.5V RS-232 Driver/Receiver Pair
03/19/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com