Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220B Datasheet (PDF) - Sipex Corporation

SP3220B Datasheet PDF - Sipex Corporation
Part # SP3220B
Download  SP3220B Download
File Size   115.25 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair

SP3220B Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3220B Datasheet PDF - Sipex Corporation

Part # SP3220B
Download  SP3220B Click to download

File Size   115.25 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair

SP3220B Datasheet (HTML) - Sipex Corporation


SP3220B Product details

■Meets True RS-232 Protocol Operation From A +3.0V to +5.5V Power Supply

■ Minimum 250 Kbps Data Rate

(SP3220B) or 1Mbps Data Rate

(SP3220U) under Fully Load

■1µA Low-Power Shutdown With Receivers Active

■Interoperable With EIA/TIA - 232 and adheres to EIA/TIA - 562 Down to +2.7V Power Source

■Pin-Compatible With The MAX3221E Device Without The AUTO ON-LINE®Feature

■ESD Specifications: +2kV Human Body Model




Similar Part No. - SP3220B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3220CA SIPEX-SP3220CA Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220CT SIPEX-SP3220CT Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220CY SIPEX-SP3220CY Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
More results


Similar Description - SP3220B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E Datasheet
114Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EB SIPEX-SP3220EB Datasheet
160Kb / 19P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EEA-L EXAR-SP3220EEA-L Datasheet
985Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EBEY-L EXAR-SP3220EBEY-L Datasheet
985Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Sipex Corporation
SP3220EBCY-L SIPEX-SP3220EBCY-L Datasheet
165Kb / 19P
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Exar Corporation
SP3220EBEA-L-TR EXAR-SP3220EBEA-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220EUEY-L-TR EXAR-SP3220EUEY-L-TR Datasheet
446Kb / 20P
3.0V to 5.5V RS-232 Driver/Receiver Pair
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com