Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP204EP Datasheet (PDF) - Sipex Corporation

SP204EP Datasheet PDF - Sipex Corporation
Part # SP204EP
Download  SP204EP Download
File Size   213.15 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors

SP204EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SP204EP Datasheet PDF - Sipex Corporation

Part # SP204EP
Download  SP204EP Click to download

File Size   213.15 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors

SP204EP Datasheet (HTML) - Sipex Corporation


SP204EP Product details

DESCRIPTION
The SP200 Series are multi–channel RS-232 line transceivers in a variety of configurations to fit most communication needs. All models in this Series feature low–power CMOS construction
and Sipex patented (5,306,954) on-board charge pump circuitry to generate the ±10V RS-232
voltage levels, using 0.1µF charge pump capacitors to save board space and reduce circuit cost.
The SP200, SP205, SP206, SP207B, SP211 and SP213 models feature a low–power shutdown
mode, which reduces power supply drain to 1µA. A WakeUp function keeps the receivers active
in the shutdown mode.

FEATURES
■0.1µF External Charge Pump Capacitors
■120kbps Data Rate
■Standard SOIC and SSOP Packages
■Multiple Drivers and Receivers
■Single 5V Supply Operation
■1µA Shutdown Mode
■WakeUp Feature in Shutdown Mode
■Tri–State Receiver Outputs
■Meets All RS-232 and V.28 Specifications
■Improved Driver Output Capacity for Mouse Applications
■±10kV ESD Protection*




Similar Part No. - SP204EP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP204EP SIPEX-SP204EP Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
More results


Similar Description - SP204EP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Maxim Integrated Produc...
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX205CPG-G36 MAXIM-MAX205CPG-G36 Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
logo
Exar Corporation
SP206 EXAR-SP206 Datasheet
1Mb / 14P
5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com