Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509 Datasheet (PDF) - Sipex Corporation

SP509 Datasheet PDF - Sipex Corporation
Part # SP509
Download  SP509 Download
File Size   258.43 Kbytes
Page   29 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors

SP509 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP509 Datasheet PDF - Sipex Corporation

Part # SP509
Download  SP509 Click to download

File Size   258.43 Kbytes
Page   29 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors

SP509 Datasheet (HTML) - Sipex Corporation


SP509 Product details

DESCRIPTION
The SP509 is a monolithic device that supports eight (8) popular serial interface standards for Wide Area Network (WAN) connectivity. The SP509 is fabricated using a low power BiCMOS process technology, and incorporates a Sipex regulated charge pump allowing +5V only operation. Sipexs patented charge pump provides a regulated output of +5.8V, which will provide enough voltage for compliant operation in all modes.

FEATURES
■ Ultra Fast 40Mbps Differential Transmission Rates Available
■ Improved ESD Tolerance for Analog I/Os with 15kV HBM.
■ Internal Transceiver Termination Resistors for V.11 and V.35
■ Interface Modes:
    ✓ RS-232 (V.28)   ✓ EIA-530 (V.10 & V.11)
    ✓ X.21 (V.11)        ✓ EIA-530A (V.10 & V.11)
    ✓ RS-449/V.36     ✓ V.35
      (V.10 & V.11)
■ Protocols are Software Selectable with 3-Bit Word
■ Eight (8) Drivers and Eight (8) Receivers
■ V.35 and V.11 Receiver Termination Network Disable Option
■ Internal Line or Digital Loopback for Diagnostic Testing
■ Adheres to NET1/NET2 and TBR-2 Compliancy Requirements
■ Easy Flow-Through Pinout
■ +5V Only Operation
■ Individual Driver and Receiver Enable/Disable Controls
■ Operates in either DTE or DCE Mode

APPLICATIONS
■ Router
■ Frame Relay
■ CSU
■ DSU
■ PBX
■ Secure Communication Terminals




Similar Part No. - SP509

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP509 SIPEX-SP509 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509CF SIPEX-SP509CF Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Similar Description - SP509

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
250Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508_05 Datasheet
248Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP509 SIPEX-SP509_05 Datasheet
256Kb / 29P
Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Linear Technology
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
logo
Exar Corporation
SP508E EXAR-SP508E Datasheet
833Kb / 29P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP3508EB EXAR-SP3508EB Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com