Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP509
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP509 Datasheet HTML 2Page - Sipex Corporation SP509 Datasheet HTML 3Page - Sipex Corporation SP509 Datasheet HTML 4Page - Sipex Corporation SP509 Datasheet HTML 5Page - Sipex Corporation SP509 Datasheet HTML 6Page - Sipex Corporation SP509 Datasheet HTML 7Page - Sipex Corporation SP509 Datasheet HTML 8Page - Sipex Corporation SP509 Datasheet HTML 9Page - Sipex Corporation SP509 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
Date: 8/19/04
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2004 Sipex Corporation
T
A = +25°C and VCC = +5.0V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-422/V.11
t
PZL; Tri-state to Output LOW
0.04
2.0
µsC
L = 100pF, Fig. 35 & 39; S1
closed
t
PZH; Tri-state to Output HIGH
0.03
2.0
µsC
L = 100pF, Fig. 35 & 39; S2
closed
t
PLZ; Output LOW to Tri-state
0.03
2.0
µsC
L = 15pF, Fig. 35 & 39; S1
closed
t
PHZ; Output HIGH to Tri-state
0.03
2.0
µsC
L = 15pF, Fig. 35 & 39; S2
closed
V.35
t
PZL; Tri-state to Output LOW
0.04
2.0
µsC
L = 100pF, Fig. 35 & 39; S1
closed
t
PZH; Tri-state to Output HIGH
0.03
2.0
µsC
L = 100pF, Fig. 35 & 39; S2
closed
t
PLZ; Output LOW to Tri-state
0.03
2.0
µsC
L = 15pF, Fig. 35 & 39; S1
closed
t
PHZ; Output HIGH to Tri-state
0.03
2.0
µsC
L = 15pF, Fig. 35 & 39; S2
closed
TRANSCEIVER TO TRANSCEIVER SKEW
(per Figures 32, 33, 36, 38)
RS-232 Driver
100
ns
[ (t
phl )Tx1
– (t
phl )Txn
]
100
ns
[ (t
plh )Tx1
– (t
plh )Txn
]
RS-232 Receiver
20
ns
[ (t
phl )
Rx1 – (tphl )Rxn ]
20
ns
[ (t
phl )
Rx1 – (tphl )Rxn ]
RS-422 Driver
2
ns
[ (t
phl )Tx1
– (t
phl )Txn
]
2ns
[ (t
plh )Tx1
– (t
plh )Txn
]
RS-422 Receiver
2
ns
[ (t
phl )
Rx1 – (tphl )Rxn ]
3ns
[ (t
phl )
Rx1 – (tphl )Rxn ]
RS-423 Driver
5
ns
[ (t
phl )Tx2
– (t
phl )Txn
]
5ns
[ (t
plh )Tx2
– (t
plh )Txn
]
RS-423 Receiver
5
ns
[ (t
phl )
Rx2 – (tphl )Rxn ]
5ns
[ (t
phl )
Rx2 – (tphl )Rxn ]
V.35 Driver
2
ns
[ (t
phl )Tx1
– (t
phl )Txn
]
2ns
[ (t
plh )Tx1
– (t
plh )Txn
]
V.35 Receiver
2
ns
[ (t
phl )
Rx1 – (tphl )Rxn ]
2ns
[ (t
phl )
Rx1 – (tphl )Rxn]
OTHER AC CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com