Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP509 Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP509
Description  Rugged 40Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP509 Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP509 Datasheet HTML 18Page - Sipex Corporation SP509 Datasheet HTML 19Page - Sipex Corporation SP509 Datasheet HTML 20Page - Sipex Corporation SP509 Datasheet HTML 21Page - Sipex Corporation SP509 Datasheet HTML 22Page - Sipex Corporation SP509 Datasheet HTML 23Page - Sipex Corporation SP509 Datasheet HTML 24Page - Sipex Corporation SP509 Datasheet HTML 25Page - Sipex Corporation SP509 Datasheet HTML 26Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
Date: 8/19/04
SP509 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2004 Sipex Corporation
The same receivers also incorporate a termination
network internally for V.35 applications. For
V.35, the receiver input termination is a “Y”
termination consisting of two 51
Ω resistors
connected in series and a 124
Ω resistor connected
between the two 50
Ω resistors and V35RGND
output. The V35RGND is usually grounded. The
receiver itself is identical to the V.11 receiver.
The differential receivers can be configured to
be ITU-T-V.10 single-ended receivers by
internally connecting the non-inverting input to
ground. This is internally done by default from
the decoder. The non-inverting input is rerouted
to V10GND and can be grounded separately.
The ITU-T-V.10 receivers can operate over
1Mbps and are used in RS-449/V.36, E1A-530,
E1A-530A and X.21 modes as Category II signals
as indicated by their corresponding specifications.
All receivers include an enable/disable line for
disabling the receiver output allowing convenient
half-duplex configurations. The enable pins will
either enable or disable the output of the receivers
according to the appropriate active logic
illustrated on Figure 47. The receiver’s enable
lines include an internal pull-up or pull-down
device, depending on the active polarity of the
receiver, that enables the receiver upon power up
if the enable lines are left floating. During disabled
conditions, the receiver outputs will be at a high
impedance state. If the receiver is disabled any
associated termination is also disconnected from
the inputs.
All receivers include a fail-safe feature that
outputs a logic high when the receiver inputs are
open, terminated but open, or shorted together.
For single-ended V.28 and V.10 receivers, there
are internal 5k
Ω pull-down resistors on the inputs
which produces a logic high (“1”) at the receiver
outputs. The differential receivers have a
proprietary circuit that detect open or shorted
inputs and if so, will produce a logic HIGH (“1”)
at the receiver output.
CHARGE PUMP
The charge pump is a Sipex-patented design
(5,306,954) and uses a unique approach compared
to older less-efficient designs. The charge pump
still requires four external capacitors, but uses
four-phase voltage shifting technique to attain
symmetrical power supplies. The charge pump
V
DD and VSS outputs are regulated to +5.8V and
-5.8V, respectively. There is a free-running
oscillator that controls the four phases of the
voltage shifting. A description of each phase
follows.
Phase 1
__V
SS charge storage ——During this phase of
the clock cycle, the positive side of capacitors C
1
and C
2 are initially charged to VCC. C+ is
then
switched to ground and the charge in C
1- is
transferred to C
2-. Since C2+ is connected to VCC,
the voltage potential across capacitor C
2 is now
2
XVCC.
Phase 2
—V
SS transfer —Phase two of the clock connects
the negative terminal of C
2 to the VSS storage
capacitor and the positive terminal of C
2 to
ground, and transfers the negative generated
voltage to C
3. This generated voltage is regulated
to –5.8V. Simultaneously, the positive side of
the capacitor C
1 is switched to VCC and the
negative side is connected to ground.
Phase 3
—V
DD charge storage —The third phase of the
clock is identical to the first phase—the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1 which is applied to the negative
side of the capacitor C
2 . Since C2+ is at VCC, the
voltage potential across C
2 is 2XVCC.
Phase 4
—V
DD transfer —The fourth phase of the clock
connects the negative terminal of C
2 to ground,
and transfers the generated 5.8V across C
2 to C4,
the V
DD
storage capacitor. This voltage is
regulated to +5.8V. At the regulated voltage, the
internal oscillator is disabled and simultaneously
with this, the positive side of capacitor C
1 is
switched to V
CC and the negative side is connected
to ground, and the cycle begins again. The charge
pump cycle will continue as long as the
operational conditions for the internal oscillator
are present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com