Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6651A Datasheet (PDF) - Sipex Corporation

SP6651A Datasheet PDF - Sipex Corporation
Part # SP6651A
Download  SP6651A Download
File Size   160.78 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery

SP6651A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6651A Datasheet PDF - Sipex Corporation

Part # SP6651A
Download  SP6651A Click to download

File Size   160.78 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery

SP6651A Datasheet (HTML) - Sipex Corporation


SP6651A Product details

DESCRIPTION
The SP6651A is a 800mA synchronous buck regulator which is ideal for portable applications that use a Li-Ion or 3 cell alkaline/NiCD/NiMH input. The SP6651A’s proprietary control loop, 20µA light load quiescent current, and 0.3Ω power switches provide excellent efficiency across a wide range of output currents. As the input battery supply decreases towards the output voltage the SP6651A seamlessly transitions into 100% duty ratio operation further extending useful battery life. The SP6651A is protected against overload and short circuit conditions with a precise inductor peak current limit. Other features include programmable under voltage lockout and low battery detection, externally programmed output voltage down to 1.0V, logic level shutdown control, and 140°C over temperature shutdown.

FEATURES
■ DFN Package (3mm x 3mm)
■ Ultra-low 20µA Quiescent Current
■ 98% Efficiency Possible
■ 800mA Output Current
■ 2.7V to 5.5V Input Voltage Range
■ Output Adjustable Down to 1.0V
■ No External FET’s Required
■ 1.25A Inductor Peak Current Limit
■ 100% Duty Ratio Low Dropout Operation
■ 80µA Light Load Quiescent Current in Dropout
■ Over Temperature Protection
■ Logic Shutdown Control
■ Programmable UVLO and Adaptive Battery Low Output

APPLICATIONS
■ PDAs
■ DSCs
■ MP3 Players
■ USB Devices
■ Point of Use Power




Similar Part No. - SP6651A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
SP6651AER EXAR-SP6651AER Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
SP6651AER/TR EXAR-SP6651AER/TR Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6651AEU SIPEX-SP6651AEU Datasheet
105Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP6651AEU EXAR-SP6651AEU Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
More results


Similar Description - SP6651A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650 SIPEX-SP6650 Datasheet
256Kb / 17P
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com