Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6654 Datasheet (PDF) - Sipex Corporation

SP6654 Datasheet PDF - Sipex Corporation
Part # SP6654
Download  SP6654 Download
File Size   203.08 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery

SP6654 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6654 Datasheet PDF - Sipex Corporation

Part # SP6654
Download  SP6654 Click to download

File Size   203.08 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery

SP6654 Datasheet (HTML) - Sipex Corporation


SP6654 Product details

DESCRIPTION
The SP6654 is a 800mA synchronous buck regulator which is ideal for portable applications that use a Li-Ion or 3 cell alkaline/NiCD/NiMH input. The SP6654’s proprietary control loop, 20µA light load quiescent current, and 0.3Ωpower switches provide excellent efficiency across a wide range of output currents. As the input battery supply decreases towards the output voltage the SP6654 seamlessly transitions into 100% duty ratio operation further extending useful battery life. The SP6654 is protected against overload and short circuit conditions with a precise inductor peak current limit. Other features include programmable under voltage lockout, externally programmed output voltage down to 1.0V, logic level shutdown control, and an open drain power good indicator when VOUT is above 94% of its programmed value.

FEATURES
■ Ultra-low 20µA Quiescent Current
■ 98% Efficiency Possible
■ 800mA Output Current
■ 2.7V to 5.5V Input Voltage Range
■ Output Adjustable Down to 1.0V
■ No External FET’s Required
■ 1.25A Inductor Peak Current Limit
■ 100% Duty Ratio Low Dropout Operation
■ 80µA Light Load Quiescent Current in Dropout
■ Logic Shutdown Control
■ Programmable UVLO
■ Small 10 pin MSOP Package
■ Power Good Indicator
■ Industry Standard 10 Pin MSOP and and Small DFN Package

APPLICATIONS
■ PDAs
■ DSCs
■ MP3 Players
■ USB Devices
■ Point of Use Power




Similar Part No. - SP6654

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6654 SIPEX-SP6654 Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6654ER SIPEX-SP6654ER Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Exar Corporation
SP6654ER EXAR-SP6654ER Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
More results


Similar Description - SP6654

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650 SIPEX-SP6650 Datasheet
256Kb / 17P
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6651A SIPEX-SP6651A Datasheet
160Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com