Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6654 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6654
Description  High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6654 Datasheet HTML 1Page - Sipex Corporation SP6654 Datasheet HTML 2Page - Sipex Corporation SP6654 Datasheet HTML 3Page - Sipex Corporation SP6654 Datasheet HTML 4Page - Sipex Corporation SP6654 Datasheet HTML 5Page - Sipex Corporation SP6654 Datasheet HTML 6Page - Sipex Corporation SP6654 Datasheet HTML 7Page - Sipex Corporation SP6654 Datasheet HTML 8Page - Sipex Corporation SP6654 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Date: 05/25/04
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
VIN=PVIN=VSDN=3.6V, VOUT=VFB, IO = 0mA, TAMB = -40°C to +85°C, The ♦ denotes the specifications wich apply over
the full operating temperature range, unless otherwise specified.
PV
IN,VIN .............................................................................................. 6V
All other pins .............................................................. -0.3V to V
IN+0.3V
PV
IN, PGND, LX current ........................................................................ 2A
Storage Temperature .................................................. -65 °C to 150 °C
Operating Temperature ................................................. -40°C to +85°C
Lead Temperature (Soldering, 10 sec) ....................................... 300 °C
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may
affect reliability.
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
g
n
i
t
a
r
e
p
O
e
g
a
t
l
o
V
t
u
p
n
IO
L
V
U5
.
5V
♦
t
a
t
n
e
m
e
r
u
s
a
e
m
Q
I
f
o
t
l
u
s
e
R
V
5
.
5
=
N
I
V
P
=
N
I
V
e
g
a
t
l
o
V
t
u
p
t
u
O
m
u
m
i
n
i
M0
.
1V
♦
r
V
,
e
g
a
t
l
o
V
t
e
S
B
F
r
V
,
e
g
a
t
l
o
V
t
e
S
B
F4
8
7
.
00
0
8
.
06
1
8
.
0V
.
p
o
o
L
e
s
o
l
C
A
m
0
0
2
=
O
I
,
C
°
5
2
,
H
µ
0
1
=
I
L
y
c
a
r
u
c
c
A
ll
a
r
e
v
O
4
±
%
o
n
,
V
5
.
5
=
N
I
V
t
a
d
e
r
u
s
a
e
M
C
°
0
7
o
t
C
°
0
=
B
M
A
T
,
d
a
o
l
5
±
♦
A
m
0
0
2
,
V
6
.
3
=
N
I
V
t
a
d
e
r
u
s
a
e
M
p
o
o
L
e
s
o
l
C
,
d
a
o
l
,
n
i
M
N
O
K
-
t
n
a
t
s
n
o
C
e
m
i
T
-
n
O
)
T
U
O
V
-
N
I
V
(
/
N
O
K
=
N
O
T
5
.
15
2
.
20
.
3s
µ
*
V
♦
T
U
O
C
,
H
µ
0
1
=
I
L
,
p
o
o
L
e
s
o
l
C
F
µ
2
2
=
,
n
i
M
e
m
i
T
-
f
f
O
-
t
n
a
t
s
n
o
C
T
U
O
V
/
F
F
O
K
=
F
F
O
T
F
F
O
K
6
.
14
.
22
.
3s
µ
*
V
♦
,
d
e
p
p
i
r
t
t
i
m
il
t
n
e
r
r
u
c
r
o
t
c
u
d
n
I
T
U
O
V
t
a
d
e
r
u
s
a
e
M
V
5
.
0
=
B
F
V
V
2
=
g
n
i
k
n
a
l
B
e
m
i
T
-
f
f
O0
0
1s
nT
B
M
A
C
°
7
2
=
e
c
n
a
t
s
i
s
e
R
h
c
t
i
w
S
S
O
M
P3
.
06
.
0
Ω
♦
A
m
0
0
2
=
S
O
M
P
I
e
c
n
a
t
s
i
s
e
R
h
c
t
i
w
S
S
O
M
N3
.
06
.
0
Ω
♦
A
m
0
0
2
=
S
O
M
N
I
t
i
m
i
L
t
n
e
r
r
u
C
r
o
t
c
u
d
n
I0
.
15
2
.
10
5
.
1A
♦
V
5
.
0
=
B
F
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
X
L1
0
.
03
A
µ
♦
0
=
1
D
=
0
D
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P
6
9
%
A
m
0
0
2
=
O
I
,
V
5
.
2
=
T
U
O
V
T
B
M
A
C
°
7
2
=
2
9
A
m
0
0
8
=
O
I
,
V
3
.
3
=
T
U
O
V
T
B
M
A
C
°
7
2
=
t
n
e
r
r
u
C
d
a
o
L
d
e
e
t
n
a
r
a
u
G
m
u
m
i
n
i
M0
0
80
0
9A
m
♦
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
N
I
V0
20
3A
µ
♦
d
n
a
V
6
.
3
=
N
I
V
,
V
3
.
3
=
T
U
O
V
V
5
.
5
=
N
I
V
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
N
I
V1
0
0
5A
n
♦
V
0
=
0
D
=
1
D
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
T
U
O
V2
5
A
µ
♦
V
3
.
3
=
T
U
O
V
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
T
U
O
V1
0
0
5A
n
♦
V
0
=
0
D
=
1
D
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
O
L
V
U
g
n
il
l
a
f
N
I
V
,
d
l
o
h
s
e
r
h
T
5
5
.
20
7
.
25
8
.
2
V
♦
N
I
V
=
0
D
,
V
0
=
1
D
0
7
.
25
8
.
20
0
.
3
♦
V
0
=
0
D
,
N
I
V
=
1
D
5
8
.
20
0
.
35
1
.
3
♦
N
I
V
=
0
D
,
N
I
V
=
1
D
s
i
s
e
r
e
t
s
y
h
O
L
V
U0
4V
mT
B
M
A
C
°
7
2
=
e
g
a
t
l
o
V
t
u
p
t
u
O
w
o
L
D
G
R
W
P
4
.
0V
♦
A
m
1
=
K
N
I
S
I
,
V
3
.
3
=
N
I
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
D
G
R
W
P
1A
µ
♦
V
6
.
3
=
D
G
R
W
P
V
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
D
G
R
W
P6
-%
,
%
6
-
e
g
a
t
l
o
V
t
e
S
B
F
T
B
M
A
C
°
7
2
=
s
i
s
i
r
e
t
s
y
H
D
G
R
W
P0
8V
mT
B
M
A
C
°
7
2
=
t
n
e
r
r
u
C
e
g
a
k
a
e
L
0
D
,
1
D1
0
0
5A
n
♦
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
u
p
n
I
0
D
,
1
D
0
6
.
00
9
.
0
V
♦
n
o
i
t
i
s
n
a
r
T
w
o
L
o
t
h
g
i
H
5
2
.
18
.
1
♦
n
o
i
t
i
s
n
a
r
T
h
g
i
H
o
t
w
o
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
B
F1
0
0
1A
nV
1
=
B
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com