Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6656 Datasheet (PDF) - Sipex Corporation

SP6656 Datasheet PDF - Sipex Corporation
Part # SP6656
Download  SP6656 Download
File Size   185.8 Kbytes
Page   17 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output

SP6656 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6656 Datasheet PDF - Sipex Corporation

Part # SP6656
Download  SP6656 Click to download

File Size   185.8 Kbytes
Page   17 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output

SP6656 Datasheet (HTML) - Sipex Corporation


SP6656 Product details

DESCRIPTION
The SP6656 is a 400mA synchronous buck regulator that is ideal for portable applications that use a Li-Ion or 3 cell alkaline/NiCD/NiMH input. The SP6656’s proprietary control loop, 20µA light load quiescent current, and 0.3Ωpower switches provide excellent efficiency across a wide range of output currents. As the input battery supply decreases towards the output voltage the SP6656 seamlessly transitions into 100% duty ratio operation further extending useful battery life. The SP6656 is protected against overload and short circuit conditions with a precise inductor peak current limit. Other features include externally programmable output voltage down to 1.0V, logic controlled output voltage selection, logic level shutdown control, and 140°C over temperature shutdown.

FEATURES
■ 98% Efficiency Possible
■ Small 3X3 10-Pin DFN Package
■ Ultra-low 20µA Quiescent Current
■ 625mA Inductor Peak Current Limit
■ Guaranteed Minimum 400mA Output Current
■ 2.7V to 5.5V Input Voltage Range
■ Output Adjustable Down to 1.0V
■ 100% Duty Ratio Low Dropout Operation
■ 80µA Light Load Quiescent Current in Dropout
■ Output Voltage Logic Selection
■ Ideal for portable designs powered with Li Ion battery

APPLICATIONS
■ Cell Phones
■ PDAs
■ DSCs
■ MP3 Players
■ USB Devices
■ Point of Use Power




Similar Part No. - SP6656

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6656 SIPEX-SP6656 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
SP6656EB SIPEX-SP6656EB Datasheet
82Kb / 4P
Evaluation Board Manual
SP6656ER3 SIPEX-SP6656ER3 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
SP6656ER3TR SIPEX-SP6656ER3TR Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
More results


Similar Description - SP6656

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
logo
Sipex Corporation
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator
SP6656 SIPEX-SP6656_06 Datasheet
332Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
Monolithic Fixed-Output 400mA Buck Regulator with Dual
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com