Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6656 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6656
Description  High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6656 Datasheet HTML 1Page - Sipex Corporation SP6656 Datasheet HTML 2Page - Sipex Corporation SP6656 Datasheet HTML 3Page - Sipex Corporation SP6656 Datasheet HTML 4Page - Sipex Corporation SP6656 Datasheet HTML 5Page - Sipex Corporation SP6656 Datasheet HTML 6Page - Sipex Corporation SP6656 Datasheet HTML 7Page - Sipex Corporation SP6656 Datasheet HTML 8Page - Sipex Corporation SP6656 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Date: 7/9/04
SP6656 High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1PVIN
Input voltage power pin. Inductor charging current passes through this pin.
2VIN
Internal supply voltage. Control circuitry powered from this pin.
3
OVSO
Output Voltage Selection Output. OVSI = 1 PULLS THIS NODE TO
GND, OVSI = 0, this node is open.
4
OVSI
Output Voltage Select Input. See table I for definition.
5EN
EN = 1, device is enabled. EN = 0, All internal circuitry is disabled and
power switches are opened.
6FB
External feedback network input connection. Connect a resistor from
FB to ground and FB to V
OUT to set the output voltage. This pin
regulates to the internal bandgap reference voltage of 0.8V.
7VOUT
Output voltage sense pin. Used by the timing circuit to set minimum on
and off times.
8
GND
Internal ground pin. Control circuitry returns current to this pin.
9PGND
Power ground pin. Synchronous rectifier current returns through this pin.
10
LX
Inductor switching node. Inductor tied between this pin and the output
capacitor to create regulated output voltage.
FUNCTIONAL DIAGRAM
Table 1. Output Voltage Selection
V
IN
Zero_X
DRVON
Q
R
Q
S
Min Ton
BLON
D0
P
VIN
OVR_I
MIN Ton
OVR_I
K
OFF/VOUT
V
IN
LX
T
OFF =
UVLO
BLANK = T
BLANK(=100ns) or TOFF = KOFF/VOUT
V
OUT
ILIM/M
REF
1
VOLOW
_
FB
+-
V
RAMP
RST
P
GND
TSD
BLANK
+
-
300mV
+
-
C
UVLO
Internal Supply
REF'
OVR_I
V
OUT
+
-
C
DRVON
BLANK
ILIM/M
D1
VOLOW
+
-
C
T
ONOVER
Min T
ON = KON/(VIN -VOUT)
Ref
One-Shot
DRVON
+
-
C
Block
FB'
GND
REF
M
+-
Vos
DRIVER
DRVON
=100ns
T
ONOVER
VO
FB
VOUT
OVSO
RF
CF
22pF
RI
RS
Note: RA =
I
S
V
OO
S
V
Oe
g
a
t
l
o
V
t
u
p
t
u
O
0n
e
p
OV
W
O
L
_
T
U
O
R
(
8
.
0
=
I
R
+
F)R
/
I
1D
N
G
o
t
t
r
o
h
SV
H
G
I
H
_
T
U
O
(
8
.
0
=R
A
R
+
F)R
/
A
RI RS
RI +RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com