Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6656 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6656
Description  High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6656 Datasheet HTML 9Page - Sipex Corporation SP6656 Datasheet HTML 10Page - Sipex Corporation SP6656 Datasheet HTML 11Page - Sipex Corporation SP6656 Datasheet HTML 12Page - Sipex Corporation SP6656 Datasheet HTML 13Page - Sipex Corporation SP6656 Datasheet HTML 14Page - Sipex Corporation SP6656 Datasheet HTML 15Page - Sipex Corporation SP6656 Datasheet HTML 16Page - Sipex Corporation SP6656 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Date: 7/9/04
SP6656 High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION
Output Voltage Ripple Frequency
An important consideration in a power supply
application is the frequency value of the output
ripple. Given the control technique of the SP6656
(as described in the operations section), the
frequency of the output ripple will vary when in
light to moderate load in the discontinuous or
PFM mode. For moderate to heavy loads greater
than about 100mA inductor current ripple, (for
the typical 10
µH inductor application on 100mA
is half the 200mA inductor current ripple), the
output ripple frequency will be fairly constant.
From the operations section, this maximum loop
frequency in continuous conduction mode is:
1
VOUT
(VIN - VOUT)
FLP ≈
KON
*
VIN
*
Data for loop frequency, as measured from
output voltage ripple frequency, can be found in
the typical performance curves.
Layout Considerations
Proper layout of the power and control circuits is
necessary in a switching power supply to obtain
good output regulation with stability and a mini-
mum of output noise. The SP6656 application
circuit can be made very small and reside close to
the IC for best performance and solution size, as
long as some layout techniques are taken into
consideration. To avoid excessive interference
between the SP6656 high frequency converter and
the other active components on the board, some
rules should be followed. Refer to the typical
application schematic on page 1 and the sample
PCB layout shown in the following figures to
illustrate how to layout a SP6656 power supply.
Avoid injecting noise into the sensitive part of
circuit via the ground plane. Input and output
capacitors conduct high frequency current through
the ground plane. Separate the control and power
grounds and connect them together at a single
point. Power ground plane is shown in the figure
titled PCB top sample layout and connects the
INDUCTORS SURFACE MOUNT
Inductor Specification
Inductance
Manufacturer/Part No.
Series R Ω
I
SAT (A)
Size
Inductor Type
Manufacturer
(µH)
LxW(mm)
Ht. (mm)
Website
10
Murata LQH32CN100K11
0.300
0.45
3.2 x 1.6
1.8
Unshielded Ferrite Core murata.com
10
TDK RLF5018T-100MR94
0.056
0.94
5.6 x 5.2
2.0
Shielded Ferrite Core
tdk.com
10
Coilcraft LPO6013-103K
0.300
0.70
6.0 x 5.4
1.3
Unshielded Ferrite Core coilcraft.com
22
Murata LQH32CN220K21
0.710
0.25
3.2 x 1.6
1.8
Unshielded Ferrite Core
murata.com
22
TDK RLF5018T- 220MR63
0.130
0.63
5.6 x 5.2
2.0
Shielded Ferrite Core
tdk.com
22
Coilcraft LPO6013-103
0.520
0.45
6.0 x 5.4
1.3
Unshielded Ferrite Core coilcraft.com
CAPACITORS - SURFACE MOUNT
Capacitor Specification
Capacitance
Manufacturer/Part No.
ESR
RippleCurrent
Size
Voltage
Capacitor Type
Manufacturer
(µF)
Ω (max)
(A) @ 45°C
LxW(mm) Ht. (mm)
(V)
Website
10
TDK C2012X5R0J106M
0.003
1.00
2.0 x 1.2
1.25
6.3
X5R Ceramic
tdk.com
10
Murata GRM21BR60J106KE01
0.003
1.00
2.0 x 1.2
1.25
6.3
POSCAP
murata.com
4.7
TDK C2012X5R0J475M
0.005
1.00
2.0 x 1.2
1.25
6.3
X5R Ceramic
tdk.com
4.7
Murata GRM21BR60J475KE01
0.005
1.00
2.0 x 1.2
1.25
6.3
POSCAP
murata.com
Table 2 Component Selection
Note: Components highlighted in bold are those used on the SP6656 Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com