Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6656 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6656
Description  High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6656 Datasheet HTML 9Page - Sipex Corporation SP6656 Datasheet HTML 10Page - Sipex Corporation SP6656 Datasheet HTML 11Page - Sipex Corporation SP6656 Datasheet HTML 12Page - Sipex Corporation SP6656 Datasheet HTML 13Page - Sipex Corporation SP6656 Datasheet HTML 14Page - Sipex Corporation SP6656 Datasheet HTML 15Page - Sipex Corporation SP6656 Datasheet HTML 16Page - Sipex Corporation SP6656 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Date: 7/9/04
SP6656 High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
© Copyright 2004 Sipex Corporation
The output voltage is programmed by the external divider, as shown in the typical
application circuit on Page 1. Depending on the topology used, 1 or 2 output ,V
OUT is
set as follows:
APPLICATION INFORMATION
1) Single V
OUT
First pick a value for RI that is no larger than 300K.
Too large a value of RI will reduce the AC voltage
seen by the loop comparator since the internal FB
pin capacitance can form a low pass filter with RF
in parallel with RI. The formula for RF with a given
RI and output voltage is:
RF = (VOUT / 0.8V - 1) x (RI)
2) Dual V
OUT (selectable)
First pick the lowest voltage that will be used and
utilize the same method as above.
RF = (VOUT_LOW/ 0.8V - 1) x (RI) RI≤ 300k
Then use the following equation to determine RS:
[RI//RS] =
VO
FB
VOUT
OVSO
RF
CF
22pF
RI
RS
VO
FB
VOUT
RF
CF
22pF
RI
- 0.8
VOUT_HIGH
0.8 x RF
RS =
[RI//RS]
RI
[RI//RS]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com