Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8126 Datasheet (PDF) - Sipex Corporation

SP8126 Datasheet PDF - Sipex Corporation
Part # SP8126
Download  SP8126 Download
File Size   91.6 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed Differential APC Amplifier

SP8126 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8126 Datasheet PDF - Sipex Corporation

Part # SP8126
Download  SP8126 Click to download

File Size   91.6 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed Differential APC Amplifier

SP8126 Datasheet (HTML) - Sipex Corporation


SP8126 Product details

DESCRIPTION
The SP8126B is a high-speed, differential output APC amplifier that integrates the photodiode and adjustable gain block on one chip. Independent gain control allows individual adjustment for 780mn and 650nm wavelength operation, as found in CD/DVD optical storage drives. This allows the user to control the laser power of the system in high-speed DVDRW, DVDRAM and CDRW systems. The wide 2V output swing also allows better system performance, through improved dynamic range.

FEATURES
■ Dual Wavelength
■ Slew Rate of 300V/µs
■ Fast Settling Time - 7ns
■ Gain Control
■ 2V Output Swing
■ Low Offset Voltage: < 10mV
■ Low Offset Drift: < 20µV/°C
■ 12dB External Gain Adjust Range

APPLICATIONS
■ DVDRW
■ DVDRAM
■ CDRW




Similar Part No. - SP8126

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
SP8121JP SIPEX-SP8121JP Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
SP8121JS SIPEX-SP8121JS Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
SP8121KP SIPEX-SP8121KP Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
SP8121KS SIPEX-SP8121KS Datasheet
168Kb / 13P
Monolithic, 12-Bit Data Acquisition System
More results


Similar Description - SP8126

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
logo
Sipex Corporation
SP8127 SIPEX-SP8127 Datasheet
125Kb / 5P
High Speed Differential APC Amplifier
SP8127N SIPEX-SP8127N Datasheet
126Kb / 5P
High Speed Differential APC Amplifier
SP8130 SIPEX-SP8130 Datasheet
269Kb / 5P
High Speed Differential APC Amplifier
logo
Analog Devices
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
logo
Sipex Corporation
SP8027 SIPEX-SP8027 Datasheet
101Kb / 3P
High Speed, Constant Bandwidth Differential APC Amplifier
logo
Analog Devices
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
High Speed Differential Amplifier Evaluation Board
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
logo
Analog Devices
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com