Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP701A Datasheet (PDF) - Toshiba Semiconductor

TLP701A Datasheet PDF - Toshiba Semiconductor
Part # TLP701A
Download  TLP701A Download
File Size   389.61 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA-As Infrared LED and Photo IC

TLP701A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP701A Datasheet PDF - Toshiba Semiconductor

Part # TLP701A
Download  TLP701A Click to download

File Size   389.61 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA-As Infrared LED and Photo IC

TLP701A Datasheet (HTML) - Toshiba Semiconductor


TLP701A Product details

General

The TLP701A is a photocoupler in a SDIP6 package that consists of a GaAℓAs infrared light-emitting diode (LED) optically coupled to an integrated high-gain, high-speed photodetector IC chip. The TLP701A is physically smaller than the one in an 8-pin DIP package and compliant with international safety standards for reinforced insulation. It thus provides a smaller footprint solution for applications that require safety standard certification. The TLP701A has an internal Faraday shield that provides a guaranteed Common mode transient immunity of ±20 kV/µs. It has a totem-pole output that can both sink and source current. It is ideal for IGBT and power MOSFET gate drive.



Features

(1) Output peak current: ±0.6 A (max)

(2) Operating temperature: -40 to 100 

(3) Supply current: 2 mA (max)

(4) Supply voltage: 10 to 30 V

(5) Threshold input current: 5 mA (max)

(6) Propagation delay time: 500 ns (max)

(7) Common-mode transient immunity: ±20 kV/µs (min)

(8) Isolation voltage: 5000 Vrms (min)



Applications

• Industrial Inverters

• IGBT Gate Drivers

• MOSFET Gate Drivers

• Induction Cooktop and Home Appliances




Similar Part No. - TLP701A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
Inverter for Air Conditioners
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
More results


Similar Description - TLP701A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
Photocouplers GaA - As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
Photocouplers GaA-As Infrared LED and Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com