Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP701F Datasheet (PDF) - Toshiba Semiconductor

TLP701F Datasheet PDF - Toshiba Semiconductor
Part # TLP701F
Download  TLP701F Download
File Size   104.08 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter for Air Conditioners

TLP701F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP701F Datasheet PDF - Toshiba Semiconductor

Part # TLP701F
Download  TLP701F Click to download

File Size   104.08 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter for Air Conditioners

TLP701F Datasheet (HTML) - Toshiba Semiconductor


TLP701F Product details

Industrial Inverters

Inverter for Air Conditioners

IGBT/Power MOSFET Gate Drive



TLP701F consists of a GaAℓAs light-emitting diode and an integrated photodetector.

This unit is 6-lead SDIP package. The TLP701F is 50% smaller than the 8-pin DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification. The TLP701F is suitable for gate driving circuits for IGBTs or power MOSFETs. In particular, the TLP701F is capable of “direct” gate driving of low-power IGBTs.

Absolute Maximum ratings and electrical characteristics are the same as The TLP701 technical data sheets.



• Peak output current : ±0.6 A (max)

• Guaranteed performance over temperature : −40 to 100°C

• Supply current : 2 mA (max)

• Power supply voltage : 10 to 30 V

• Threshold input current : IFLH = 5 mA (max)

• Switching time (tpLH / tpHL) : 700 ns (max)

• Common mode transient immunity : ± 10 kV/μs (min)

• Isolation voltage : 5000 Vrms (min)




Similar Part No. - TLP701F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
Photocouplers GaA-As Infrared LED and Photo IC
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
More results


Similar Description - TLP701F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP251 TOSHIBA-TLP251 Datasheet
326Kb / 8P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
logo
Sharp Corporation
GP2Y1001AU SHARP-GP2Y1001AU Datasheet
48Kb / 4P
COMPACT DUST SENSOR FOR AIR CONDITIONERS
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP557 TOSHIBA-TLP557_07 Datasheet
196Kb / 7P
Inverter For Air Conditioner
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
logo
Sharp Corporation
GP2Y1010AU SHARP-GP2Y1010AU Datasheet
41Kb / 4P
Compact Dust Sensor for Air Conditioners
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com