Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC195 Datasheet (PDF) - Hittite Microwave Corporation

HMC195 Datasheet PDF - Hittite Microwave Corporation
Part # HMC195
Download  HMC195 Download
File Size   198.0 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz

HMC195 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC195 Datasheet PDF - Hittite Microwave Corporation

Part # HMC195
Download  HMC195 Click to download

File Size   198.0 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz

HMC195 Datasheet (HTML) - Hittite Microwave Corporation


HMC195 Product details

General Description
The HMC195 & HMC195E are low-cost SPDT switches in 6-lead SOT26 packages for use in transmit or receive applications which require very low distortion at high signal power levels. The device can control signals from DC to 2.5 GHz and is especially suited for 900 MHz and 1.8 - 2.2 GHz applications with less than 1 dB loss. The design provides exceptional intermodulation performance; a +62 dBm third order intercept at 8 Volt bias. RF1 and RF2 are refl ective shorts when “Off”. On-chip circuitry allows single positive supply operation at very low DC current with control inputs compatible with CMOS and most TTL logic families.

Features
   Low Insertion Loss: 0.4 dB
   Ultra Small Package: SOT26
   High Input IP3: +62 dBm
   Positive Control: 0/+3V to 0/+8V

Typical Applications
The HMC195 / HMC195E is ideal for:
• MMDS & WirelessLAN
• PCMCIA Wireless Cards
• Portable Wireless




Similar Part No. - HMC195

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC195 HITTITE-HMC195 Datasheet
273Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC195E HITTITE-HMC195E Datasheet
273Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
More results


Similar Description - HMC195

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC154S8 HITTITE-HMC154S8 Datasheet
174Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
HMC544A AD-HMC544A Datasheet
315Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com