Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC221 Datasheet (PDF) - Hittite Microwave Corporation

HMC221 Datasheet PDF - Hittite Microwave Corporation
Part # HMC221
Download  HMC221 Download
File Size   188.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz

HMC221 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC221 Datasheet PDF - Hittite Microwave Corporation

Part # HMC221
Download  HMC221 Click to download

File Size   188.92 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz

HMC221 Datasheet (HTML) - Hittite Microwave Corporation


HMC221 Product details

General Description
The HMC221 and HMC221E are low-cost SPDT switches in a 6-lead SOT26 plastic package for use in general switching applications which require very low insertion loss and very small size. These devices can control signals from DC to 3 GHz and is especially suited for 900 MHz, 1.8 - 2.2 GHz, and 2.4 GHz ISM applications with less than 1 dB loss. The design provides exceptional insertion loss performance, ideal for fi lter and receiver switching. RF1 and RF2 are refl ective shorts when “Off”. The two control voltages require a minimal amount of DC current and offer compatibility with most CMOS & TTL logic families. See HMC197 for same performance in an alternate SOT26 pin-out.The HMC221E is a RoHScompliant product.

Features
   RoHS-Compliant Product
   Low Insertion Loss: 0.4 dB
   Ultra Small Package: SOT26
   Input IP3: +45 dBm
   Positive Control: 0/+3V @ 10 uA
   Included in the HMC-DK005 Designer’s Kits

Typical Applications
The HMC221 & HMC221E is ideal for:
• ISM Applications
• PCMCIA Wireless Cards
• Cellular Applications




Similar Part No. - HMC221

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC221 HITTITE-HMC221 Datasheet
272Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
201Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
194Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC221B AD-HMC221B Datasheet
265Kb / 9P
GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
REV. A
More results


Similar Description - HMC221

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC197 HITTITE-HMC197 Datasheet
171Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_06 Datasheet
272Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197_05 Datasheet
166Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_00 Datasheet
201Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
221E HITTITE-221E Datasheet
194Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com