Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC221B Datasheet (PDF) - Analog Devices

HMC221B Datasheet PDF - Analog Devices
Part # HMC221B
Download  HMC221B Download
File Size   265.46 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz

HMC221B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC221B Datasheet PDF - Analog Devices

Part # HMC221B
Download  HMC221B Click to download

File Size   265.46 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz

HMC221B Datasheet (HTML) - Analog Devices


HMC221B Product details

GENERAL DESCRIPTION
The HMC221B is a single-pole, double-throw (SPDT) switch specified from 10 kHz to 3 GHz in a 6-lead SOT-23 plastic package. This switch offers a very low insertion loss of less than 0.8 dB up to 3 GHz and is well suited for receiver and filter switching applications that require low insertion loss and a small size.
The RF1 and RF2 pins are reflective shorts when in an off state, and the two control voltages (the A and B pins) require a minimal dc bias current. Note that the HMC197B exhibits a similar performance in an alternate pinout.

FEATURES
   Low insertion loss: 0.4 dB typical
   Input third-order intercept (IP3): 55 dBm typical
   Positive control: 0 V/3 V
   Ultrasmall package: SOT-23

APPLICATIONS
   Industrial, scientific and medical (ISM)
   PCMCIA wireless cards
   Cellular applications




Similar Part No. - HMC221B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC221 HITTITE-HMC221 Datasheet
188Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
272Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
201Kb / 6P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
194Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
More results


Similar Description - HMC221B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8 Datasheet
176Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545A AD-HMC545A Datasheet
341Kb / 6P
GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com