Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA25 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SMA25 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SMA25
Download  SMA25 Download
File Size   611.17 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 1500 MHz

SMA25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA25 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SMA25
Download  SMA25 Click to download

File Size   611.17 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 1500 MHz

SMA25 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SMA25 Product details

Description
The A25 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

Features
• MEDIUM OUTPUT LEVEL: +9 dBm (TYP.)
• WIDE POWER SUPPLY RANGE: +8 TO +15 VOLTS




Similar Part No. - SMA25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA25 MACOM-SMA25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA25 MA-COM-SMA25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
Gulf Semiconductor
SMA25 GULFSEMI-SMA25 Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
Tyco Electronics
SMA25-1 MACOM-SMA25-1 Datasheet
107Kb / 1P
2 TO 1500 MHz CASCADABLE AMPLIFIER
SMA25-1 MACOM-SMA25-1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
More results


Similar Description - SMA25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A24 MACOM-A24 Datasheet
85Kb / 1P
5 TO 1500 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC1582 ETC-AC1582 Datasheet
80Kb / 1P
5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A25 MACOM-A25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
A24 MACOM-A24_1 Datasheet
359Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA24 MA-COM-SMA24 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
SMA25 MA-COM-SMA25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
Teledyne Technologies I...
UTOUTC1501 TELEDYNE-UTOUTC1501 Datasheet
178Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1511 TELEDYNE-UTOUTC1511 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1522 TELEDYNE-UTOUTC1522 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com