Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA25 Datasheet (PDF) - Gulf Semiconductor

SMA25 Datasheet PDF - Gulf Semiconductor
Part # SMA25
Download  SMA25 Download
File Size   255.4 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A

SMA25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA25 Datasheet PDF - Gulf Semiconductor

Part # SMA25
Download  SMA25 Click to download

File Size   255.4 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A

SMA25 Datasheet (HTML) - Gulf Semiconductor


SMA25 Product details

FEATURE
    Plastic package has Underwriters Laboratory Flammability Classification 94V-0
    For surface mounted applications
    Low profile package
    Built-in strain relief
    Low power loss, high efficiency
    High current capability, low forward voltage drop
    High surge capability
    For use in low voltage high frequency inverters, free wheeling, and polarity
    protection applications
    Guard ring for over voltage protection
    High temperature soldering guaranteed: 250ºC /10 seconds at terminals




Similar Part No. - SMA25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA25 MACOM-SMA25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA25 MA-COM-SMA25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
SMA25 MA-COM-SMA25 Datasheet
611Kb / 3P
Cascadable Amplifier 5 to 1500 MHz
logo
Tyco Electronics
SMA25-1 MACOM-SMA25-1 Datasheet
107Kb / 1P
2 TO 1500 MHz CASCADABLE AMPLIFIER
SMA25-1 MACOM-SMA25-1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
More results


Similar Description - SMA25

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB26S GULFSEMI-SB26S Datasheet
126Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB210 GULFSEMI-SB210 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB260A GULFSEMI-SB260A Datasheet
366Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB260S GULFSEMI-SB260S Datasheet
386Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com