Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4000 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

R4000 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # R4000
Download  R4000 Download
File Size   533.3 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description HIGH VOLTAGE RECTIFIER

R4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
R4000 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # R4000
Download  R4000 Click to download

File Size   533.3 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description HIGH VOLTAGE RECTIFIER

R4000 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


R4000 Product details

Reverse Voltage - 2500 to 5000 Volts Forward Current - 0.2 Ampere



FEATURES

The plastic package carries Underwriters Laboratory

Flammability Classification 94V-0

Construction utilizes void-free

molded plastic technique

Low reverse leakage

High forward surge current capability

High temperature soldering guaranteed: 250℃/10 seconds,0.375”(9.5mm) lead length,5 lbs. (2.3kg) tension



MECHANICAL DATACase: JEDEC DO-41/DO-15 molded plastic body

Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026

Polarity: Color band denotes cathode end

Mounting Position: Any

Weight:0.012 ounce, 0.33 grams(DO-41)

         0.014 ounce, 0.40 grams(DO-15)




Similar Part No. - R4000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R4000 RECTRON-R4000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
MIC GROUP RECTIFIERS
R4000 MIC-R4000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
R4000 CHONGQING-R4000 Datasheet
38Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shenzhen Ping Sheng Ele...
R4000 PFS-R4000 Datasheet
331Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
More results


Similar Description - R4000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com