Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1GF Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

ES1GF Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # ES1GF
Download  ES1GF Download
File Size   628.04 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES1GF Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1GF Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ES1GF
Download  ES1GF Click to download

File Size   628.04 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES1GF Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


ES1GF Product details

Reverse Voltage - 50 to 600 Volts Forward Current - 1.0 Ampere

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ For surface mounted applications
♦ Super fast switching for high efficiency
♦ Low reverse leakage
♦ Built-in strain relief,ideal for automated placement
♦ High forward surge current capability
♦ High temperature soldering guaranteed: 260 C/10 seconds at terminals
♦ Glass passivated chip junction

MECHANICAL DATA
   Case : JEDEC SMAF molded plastic body over passivated chip
   Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight:0.0018 ounce, 0.064 grams




Similar Part No. - ES1GF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1GF PANJIT-ES1GF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1GF YFWDIODE-ES1GF Datasheet
138Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Taiwan Semiconductor Co...
ES1GF TSC-ES1GF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
ES1GF SUNMATE-ES1GF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
logo
Guangdong Juxing Electr...
ES1GF JUXING-ES1GF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
More results


Similar Description - ES1GF

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com