Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR570 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

SR570 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # SR570
Download  SR570 Download
File Size   589.51 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SCHOTTKY BARRIER RECTIFIER

SR570 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR570 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SR570
Download  SR570 Click to download

File Size   589.51 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SCHOTTKY BARRIER RECTIFIER

SR570 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


SR570 Product details

Reverse Voltage - 20 to 200 Volts Forward Current -5.0 Amperes

FEATURES
◆ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
◆ Construction utilizes void-free molded plastic technique
◆ Low reverse leakage
◆ High forward surge current capability
◆ High temperature soldering guaranteed:
   250 °C/10 seconds,0.375”(9.5mm) lead length,
   5 lbs. (2.3kg) tension

MECHANICAL DATA
   Case: JEDEC DO-201AD molded plastic body
   Terminals: Plated axial leads, solderable per MIL-STD-750,
   Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight:0.04 ounce, 1.10 grams




Similar Part No. - SR570

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR570 LUMINIS-SR570 Datasheet
298Kb / 4P
Ceiling surface mounting
logo
Jinan Jingheng (Group) ...
SR570 JINANJINGHENG-SR570 Datasheet
75Kb / 2P
SCHOTTKY BARRIER DIODE CHIPS
logo
DONGGUAN YOU FENG WEI E...
SR570 YFWDIODE-SR570 Datasheet
73Kb / 2P
5.0Amp Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
SR570 NIUHANG-SR570 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SR570 CHENDA-SR570 Datasheet
756Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR570

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com