Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20W Datasheet (PDF) - Yea Shin Technology Co., Ltd

BAS20W Datasheet PDF - Yea Shin Technology Co., Ltd
Part # BAS20W
Download  BAS20W Download
File Size   414.6 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE

BAS20W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS20W Datasheet PDF - Yea Shin Technology Co., Ltd

Part # BAS20W
Download  BAS20W Click to download

File Size   414.6 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE

BAS20W Datasheet (HTML) - Yea Shin Technology Co., Ltd


BAS20W Product details

SWITCHING DIODE



FEATURES

  Power dissipation

     PD: 200 mW (Tamb=25℃ )

  Collector current

     IF: 200 mA

  Collector-base voltage

     VR: 19W: 120 V; 20W: 150V ; 21W: 200V

  Operating and storage junction temperature range

     TJ, Tstg: -55℃ to +150℃



 




Similar Part No. - BAS20W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS20W PANJIT-BAS20W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAS20W DIODES-BAS20W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS20W COMCHIP-BAS20W Datasheet
79Kb / 2P
Surface Mount Switching Diode
logo
Pan Jit International I...
BAS20W PANJIT-BAS20W Datasheet
81Kb / 2P
SURFACE MOUNT SWITCHING DIODES
logo
TRANSYS Electronics Lim...
BAS20W TEL-BAS20W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
More results


Similar Description - BAS20W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAV70W RECTRON-BAV70W Datasheet
379Kb / 2P
SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
BAV99W RECTRON-BAV99W Datasheet
271Kb / 3P
SOT-323 SWITCHING DIODE
DAN217U RECTRON-DAN217U Datasheet
166Kb / 3P
SOT-323 SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD4148W WILLAS-MMBD4148W Datasheet
357Kb / 3P
SOT-323 Plastic-Encapsulate DIODE
logo
SHENZHEN YONGERJIA INDU...
BAW56W WINNERJOIN-BAW56W Datasheet
119Kb / 1P
SOT-323 Plastic-Encapsulate DIODE
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W YEASHIN-MMBD4448W Datasheet
442Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
logo
Shanghai Leiditech Elec...
BAW56W LEIDITECH-BAW56W Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Diode
logo
Rectron Semiconductor
BAS16V RECTRON-BAS16V Datasheet
247Kb / 4P
SOT-23 Plastic-Encapsulate Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com