Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448W Datasheet (PDF) - Yea Shin Technology Co., Ltd

MMBD4448W Datasheet PDF - Yea Shin Technology Co., Ltd
Part # MMBD4448W
Download  MMBD4448W Download
File Size   442.61 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE

MMBD4448W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4448W Datasheet PDF - Yea Shin Technology Co., Ltd

Part # MMBD4448W
Download  MMBD4448W Click to download

File Size   442.61 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE

MMBD4448W Datasheet (HTML) - Yea Shin Technology Co., Ltd


MMBD4448W Product details

SWITCHING DIODE

FEATURES
  Power dissipation
     PD: 200 mW (Tamb=25℃ )
  Collector current
     IO: 250 mA
  Collector-base voltage
     VR: 75 V
  Operating and storage junction temperature range
     TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMBD4448W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4448W PANJIT-MMBD4448W Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
MMBD4448W WTE-MMBD4448W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
MMBD4448W DIODES-MMBD4448W Datasheet
58Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30095 Rev. 5 - 2
logo
Weitron Technology
MMBD4448W WEITRON-MMBD4448W Datasheet
317Kb / 3P
Surface Mount Switching Diode
logo
Diodes Incorporated
MMBD4448W DIODES-MMBD4448W Datasheet
78Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30095 Rev. 8 - 2
More results


Similar Description - MMBD4448W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAV70W RECTRON-BAV70W Datasheet
379Kb / 2P
SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
BAV99W RECTRON-BAV99W Datasheet
271Kb / 3P
SOT-323 SWITCHING DIODE
DAN217U RECTRON-DAN217U Datasheet
166Kb / 3P
SOT-323 SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD4148W WILLAS-MMBD4148W Datasheet
357Kb / 3P
SOT-323 Plastic-Encapsulate DIODE
logo
SHENZHEN YONGERJIA INDU...
BAW56W WINNERJOIN-BAW56W Datasheet
119Kb / 1P
SOT-323 Plastic-Encapsulate DIODE
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS20W YEASHIN-BAS20W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
logo
Shanghai Leiditech Elec...
BAW56W LEIDITECH-BAW56W Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Diode
logo
Rectron Semiconductor
BAS16V RECTRON-BAS16V Datasheet
247Kb / 4P
SOT-23 Plastic-Encapsulate Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com