Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV-TMP Datasheet (PDF) - Hirose Electric

HV-TMP Datasheet PDF - Hirose Electric
Part # HV-TMP
Download  HV-TMP Download
File Size   165.62 Kbytes
Page   2 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description DC to 65 GHz HV Coaxial Connector Plug Terminations

HV-TMP Datasheet (PDF)

Go To PDF Page Download Datasheet
HV-TMP Datasheet PDF - Hirose Electric

Part # HV-TMP
Download  HV-TMP Click to download

File Size   165.62 Kbytes
Page   2 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description DC to 65 GHz HV Coaxial Connector Plug Terminations

HV-TMP Datasheet (HTML) - Hirose Electric


HV-TMP Product details

■ Overview
Low V.S.W.R. in the extremely high frequency band and lightweight, supporting the next generation of even higher signal speeds.
A suspended substrate line is used to achieve the extremely high bandwidth and our unique design of the interior components removes coupling stress, while maintaining high reliability.

■ Features
1. Low V.S.W.R.
   1.15 (Typical DC to 50 GHz)
   1.35 (Typical 50 to 65 GHz)
2. Space-saving design
   Overall dimensions of only 9 mm dia. x 18.3 mm long
3. Lightweight
   Total weight of only 5.5 g.
4. Usable over an extremely wide bandwidth
   Usable over an extremely wide bandwidth of frequencies: DC to 65 GHz.
5. Mating compatibility
   Will mate with corresponding V Connector™. (Note)
6. Environmental considerations
   Soldering compounds are lead-free.

■ Applications
* Optical transmission devices
* Network analyzers
* BERTS (Bit Error Ratio Testing Systems)
* FWA (Fixed Wireless Access) and for measurement purposes in other applications requiring frequencies of up to 65 GHz.




Similar Part No. - HV-TMP

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
HV-T MOXA-HV-T Datasheet
548Kb / 6P
24G4 10GbE-port Layer 2/Layer 3 full Gigabit managed Ethernet switches
HV-T MOXA-HV-T Datasheet
629Kb / 6P
24G2 10GbE-port Layer 3 full Gigabit managed Ethernet switches
HV-T MOXA-HV-T Datasheet
593Kb / 6P
24G4 10GbE-port Layer 2 full Gigabit managed Ethernet switches
HV-T MOXA-HV-T Datasheet
589Kb / 6P
24G2 10GbE-port Layer 2 full Gigabit managed Ethernet switches
logo
GETAI ELECTRONICS DEVIC...
HV-T70 GETEDZ-HV-T70 Datasheet
621Kb / 2P
5.0mA 6.0kV 80nS--Fast Recovery High Voltage Diodes
More results


Similar Description - HV-TMP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
RF Coaxial Switches (DC to 15 GHz)
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
Coaxial DC Block 0.01 to 18 GHz
logo
Filtronic Compound Semi...
6709 FILTRONIC-6709 Datasheet
160Kb / 2P
PHASE SHIFTER DC TO 1 GHZ, COAXIAL
logo
List of Unclassifed Man...
RFP-150-50SMA-C ETC1-RFP-150-50SMA-C Datasheet
110Kb / 2P
Cable & Coaxial Terminations
logo
API Technologies Corp
6805 APITECH-6805 Datasheet
121Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6709 APITECH-6709 Datasheet
73Kb / 2P
DC TO 1 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6705 APITECH-6705 Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
logo
Hirose Electric
HV-BR01 HIROSE-HV-BR01 Datasheet
249Kb / 1P
HV Series Screw Lock, 65 GHz Hermetic Coaxial Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com