Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-145 Datasheet (PDF) - Hirose Electric

MS-145 Datasheet PDF - Hirose Electric
Part # MS-145
Download  MS-145 Download
File Size   122.89 Kbytes
Page   6 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Interface Coaxial Switches

MS-145 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS-145 Datasheet PDF - Hirose Electric

Part # MS-145
Download  MS-145 Click to download

File Size   122.89 Kbytes
Page   6 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Interface Coaxial Switches

MS-145 Datasheet (HTML) - Hirose Electric


MS-145 Product details

■ Overview and applications

Designed primarily as interface coaxial switch for a mobile phones, they are also used in variety of other applications requiring redirecting of signals when mating with corresponding plug. The mating action redirects the signals from the receptacle side to the plug side.



■ Features

01. Space saving

   External dimensions are 7mm x 4.6mm.

   Saves installation space.

02. Low profile

   Low protrusion of only 6mm above the mounting surface (receptacle).

03. Light weight

   Weight is only 0.18g.

04. Durability

   High durability(mating/unmating) of 10 000 cycles.

05. Automatic mounting

   Receptacle designed for placement on board with automated equipment.

06. Frequency range

   Can be used from DC to 2.5 GHz and with GSM, PCS, cdma One,W-CDMA, etc.

07. Plugs

   Wide variety of mating heights are available.

08. Solder wicking

   Receptacle terminations are designed to prevent solder wicking into the critical contact areas.

09. Self alignment of mating parts

   Inducement to floating is ±0.5mm.



■ Applications

  Mobile Phone antenna switching

  Checks of microwave boards, etc.



 




Similar Part No. - MS-145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-14-140 ETC2-MS-14-140 Datasheet
5Mb / 282P
High-Speed Interconnect Technology
MS-14-140-Y ETC2-MS-14-140-Y Datasheet
5Mb / 282P
High-Speed Interconnect Technology
logo
Nitronic AG
MS-1431 NITRONIC-MS-1431 Datasheet
701Kb / 1P
High precision stripping tool MiniStrip
logo
Hirose Electric
MS-147 HIROSE-MS-147 Datasheet
122Kb / 7P
DC to 6GHz Ultra-Small Coaxial Switch
MS-147(01) HIROSE-MS-147(01) Datasheet
174Kb / 7P
Interface RF Connector with Switch, 3.9mm High, DC to 6GHz
More results


Similar Description - MS-145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
Coaxial Transceiver Interface
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
CTI Coaxial Transceiver Interface
logo
Hirose Electric
MS-136 HIROSE-MS-136 Datasheet
110Kb / 3P
Coaxial Switches
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
Coaxial Transceiver Interface
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
Coaxial Transceiver Interface
logo
Filtronic Compound Semi...
STM2180A FILTRONIC-STM2180A Datasheet
339Kb / 2P
SWITCHES SPDT TO MPDT, MANUAL, COAXIAL
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
Coaxial Transceiver Interface
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
SMPTE Coaxial Cable Interface
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
Coaxial Transceiver Interface
logo
List of Unclassifed Man...
R591 ETC-R591 Datasheet
1Mb / 8P
COAXIAL SUBMINIATURE MULTIPORT SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com