Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E Datasheet (PDF) - TOKO, Inc

DFE201612E Datasheet PDF - TOKO, Inc
Part # DFE201612E
Download  DFE201612E Download
File Size   226.46 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 0.24~4.7?쵩

DFE201612E Datasheet (PDF)

Go To PDF Page Download Datasheet
DFE201612E Datasheet PDF - TOKO, Inc

Part # DFE201612E
Download  DFE201612E Click to download

File Size   226.46 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 0.24~4.7?쵩

DFE201612E Datasheet (HTML) - TOKO, Inc




Similar Part No. - DFE201612E

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201612E-1R0M TOKO-DFE201612E-1R0M Datasheet
226Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE201612E-1R0M MURATA-DFE201612E-1R0M Datasheet
982Kb / 2P
Inductor
DFE201612E-1R0M MURATA-DFE201612E-1R0M Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201612E-1R0M# MURATA-DFE201612E-1R0M# Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201612E-1R0M MURATA-DFE201612E-1R0M_18 Datasheet
2Mb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results


Similar Description - DFE201612E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW16N40E MOTOROLA-MTW16N40E Datasheet
217Kb / 8P
TMOS POWER FET 16 AMPERES 400 VOLTS RDS(on) = 0.24 OHM
logo
Intersil Corporation
FRM240D INTERSIL-FRM240D Datasheet
47Kb / 6P
16A, 200V, 0.24 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40 Datasheet
264Kb / 9P
N-Channel MOSFET 400V, 19A, 0.24廓
logo
ON Semiconductor
MUN2132 ONSEMI-MUN2132 Datasheet
145Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 1
MUN2232 ONSEMI-MUN2232 Datasheet
140Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
August, 2012 ??Rev. 0
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40_12 Datasheet
232Kb / 8P
N-Channel MOSFET 400V, 19A, 0.24廓
logo
TOKO, Inc
DEM4514C TOKO-DEM4514C Datasheet
111Kb / 1P
Inductance Range: 1.2~33?쵩 (DEM4514C), 1.2~22 H (DEM4518C)
logo
Ningbo Foryard Optoelec...
FYT-2431AX-XX FORYARD-FYT-2431AX-XX Datasheet
405Kb / 5P
0.24 Inch (6.00mm) digit height Single Digit Display
logo
ON Semiconductor
MUN2132 ONSEMI-MUN2132_13 Datasheet
148Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 kA
March, 2013 ??Rev. 2
logo
Kemet Corporation
C2220C244KDRLCAUTO KEMET-C2220C244KDRLCAUTO Datasheet
60Kb / 1P
KONNEKT Auto X7R, Ceramic, 0.24 uF, 10%, 1000 VDC, X7R
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com